Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPD0250CT-001-B1SFAB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XPD0250CT-001-B1SFAB
Description  2.5 Gbps PIN-TIA module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XPD0250CT-001-B1SFAB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XPD0250CT-001-B1SFAB Datasheet HTML 1Page - List of Unclassifed Manufacturers XPD0250CT-001-B1SFAB Datasheet HTML 2Page - List of Unclassifed Manufacturers XPD0250CT-001-B1SFAB Datasheet HTML 3Page - List of Unclassifed Manufacturers XPD0250CT-001-B1SFAB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.5 Gbps PIN-TIA module – XPD0250CT-001
XL Photonics, Inc.
4
ORDERING INFORMATION
Model name
Option
PD
type
Bit-rate
Package
type
Code
Pinning
Fiber*
Connector
type
Flange
XPD: PIN PD
0250: 2.5G CT: Coaxial type
embedded TIA
001
A1
B1
C1
D1
S: SMF
M: MMF
P: PMF
NC: No connector
SP: SC/UPC
FP: FC/UPC
SA: SC/APC
FA: FC/APC
N: No flange
F: Flange
B: Bracket
* Standard fiber length: 1 meter
ex) XPD0250CT-001-A1SFPN
2.5 Gbps PIN-TIA receiver module with A1 pin-layout, single mode fiber-pigtailed FC/UPC connector
REVISION HISTORY
Date
Revision
Description
July 2004
003
Document layout is changed
January 2003
002
Document revised
August 2002
001
Initial release
URL: www.XL-photonics.com
E-mail: sales@ XL-photonics.com
59-8 Jang-Dong, Yusong-Gu, Daejeon 305-343, South Korea
TEL: +82-42-3600-100
FAX: +82-42-3600-101
© 2002 XL Photonics, Inc. All rights reserved. (August 2002)


Similar Part No. - XPD0250CT-001-B1SFAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFAB ETC2-XPD0250CT-003-A1MFAB Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFAF ETC2-XPD0250CT-003-A1MFAF Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFAN ETC2-XPD0250CT-003-A1MFAN Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFPB ETC2-XPD0250CT-003-A1MFPB Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
More results

Similar Description - XPD0250CT-001-B1SFAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
logo
Source Photonics, Inc.
T-11-2500-D-SSC SOURCE-T-11-2500-D-SSC Datasheet
692Kb / 3P
   2.5 Gbps PIN-TIA Reciever Module-ROSA (5V)
logo
List of Unclassifed Man...
MG2C-8012 ETC-MG2C-8012 Datasheet
193Kb / 2P
   2.5 Gbps 850 nm PIN-TIA
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
logo
Source Photonics, Inc.
T-11-2500A-R3-SFC SOURCE-T-11-2500A-R3-SFC Datasheet
506Kb / 2P
   2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
T-11-2500A-R-SFC SOURCE-T-11-2500A-R-SFC Datasheet
576Kb / 2P
   PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com