Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF1043 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF1043
Description  UHF power LDMOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF1043 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF1043 Datasheet HTML 1Page - NXP Semiconductors BLF1043 Datasheet HTML 2Page - NXP Semiconductors BLF1043 Datasheet HTML 3Page - NXP Semiconductors BLF1043 Datasheet HTML 4Page - NXP Semiconductors BLF1043 Datasheet HTML 5Page - NXP Semiconductors BLF1043 Datasheet HTML 6Page - NXP Semiconductors BLF1043 Datasheet HTML 7Page - NXP Semiconductors BLF1043 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Feb 23
2
Philips Semiconductors
Objective specification
UHF power LDMOS transistor
BLF1043
FEATURES
• High power gain
• Easy power control
• Excellent ruggedness
• Source on mounting base eliminates DC isolators,
reducing common mode inductance
• Designed for broadband operation (HF to 1 GHz).
APPLICATIONS
• Communication transmitter applications in the UHF
frequency range.
DESCRIPTION
Silicon N-channel enhancement mode lateral D-MOS
transistor encapsulated in a 2-lead flangeless package
(SOT538A) with a ceramic cap. The common source is
connected to the mounting base.
PINNING - SOT538A
PIN
DESCRIPTION
1
drain
2
gate
3
source
handbook, halfpage
2
3
1
Top view
MBK905
Fig.1 Simplified outline.
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
η
D
(%)
dim
(dBc)
CW, class-AB (2-tone)
f1 = 960; f2 = 960.1
26
10 (PEP)
>16
>35
≤−30
CW, class-AB (1-tone)
960
26
10
>16
>45
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.


Similar Part No. - BLF1043

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF1043 NXP-BLF1043 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF1043

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com