Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD032G0JQAM002 Datasheet(PDF) 3 Page - SPANSION

Part # S29CD032G0JQAM002
Description  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0JQAM002 Datasheet(HTML) 3 Page - SPANSION

  S29CD032G0JQAM002 Datasheet HTML 1Page - SPANSION S29CD032G0JQAM002 Datasheet HTML 2Page - SPANSION S29CD032G0JQAM002 Datasheet HTML 3Page - SPANSION S29CD032G0JQAM002 Datasheet HTML 4Page - SPANSION S29CD032G0JQAM002 Datasheet HTML 5Page - SPANSION S29CD032G0JQAM002 Datasheet HTML 6Page - SPANSION S29CD032G0JQAM002 Datasheet HTML 7Page - SPANSION S29CD032G0JQAM002 Datasheet HTML 8Page - SPANSION S29CD032G0JQAM002 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
Publication Number S29CD-G_00
Revision B Amendment 0 Issue Date November 14, 2005
PRELIMINARY
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
S29CD-G Flash Family
S29CD032G, S29CD016G
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit)
2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/
Write Flash Memory with VersatileI/O™ featuring 170 nm
Process Technology
Data Sheet
Distinctive Characteristics
Architecture Advantages
Simultaneous Read/Write operations
— Read data from one bank while executing erase/
program functions in other bank
— Zero latency between read and write operations
— Two bank architecture: large bank/small bank
75%/25%
User-Defined x32 Data Bus
Dual Boot Block
— Top and bottom boot sectors in the same device
Flexible sector architecture
— CD032G: Eight 2K Double Word, Sixty-two 16K
Double Word, and Eight 2K Double Word sectors
— CD016G: Eight 2K Double Word, Thirty-two 16K
Double Word, and Eight 2K Double Word sectors
Secured Silicon Sector (256 Bytes)
— Factory locked and identifiable: 16 bytes for secure,
random factory Electronic Serial Number; Also know
as Electronic Marking
Manufactured on 170 nm Process Technology
Programmable Burst interface
— Interfaces to any high performance processor
— Linear Burst Read Operation: 2, 4, and 8 double
word linear burst with or without wrap around
Program Operation
— Performs synchronous and asynchronous write
operations of burst configuration register settings
independently
Single power supply operation
— Optimized for 2.5 to 2.75 volt read, erase, and
program operations
Compatibility with JEDEC standards (JC42.4)
— Software compatible with single-power supply Flash
— Backward-compatible with AMD/Fujitsu Am29LV/
MBM29LV and Am29F/MBM29F flash memories
Performance Characteristics
High performance read access
— Initial/random access times of 48 ns (32 Mb) and 54
ns (16 Mb)
— Burst access times of 7.5 ns (32 Mb) or 9 ns (16Mb)
Ultra low power consumption
— Burst Mode Read: 90 mA @ 75 MHz max
— Program/Erase: 50 mA max
— Standby mode: CMOS: 60 µA max
1 million write cycles per sector typical
20 year data retention typical
VersatileI/O™ control
— Generates data output voltages and tolerates data
input voltages as determined by the voltage on the
VIO pin
— 1.65 V to 3.60 V compatible I/O signals
Software Features
Persistent Sector Protection
— Locks combinations of individual sectors and sector
groups to prevent program or erase operations
within that sector (requires only VCC levels)
Password Sector Protection
— Locks combinations of individual sectors and sector
groups to prevent program or erase operations
within that sector using a user-definable 64-bit
password
Supports Common Flash Interface (CFI)
Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
Data# Polling and toggle bits
— Provides a software method of detecting program or
erase operation completion
Hardware Features
Program Suspend/Resume & Erase Suspend/
Resume
— Suspends program or erase operations to allow
reading, programming, or erasing in same bank
Hardware Reset (RESET#), Ready/Busy# (RY/
BY#), and Write Protect (WP#) inputs
ACC input
— Accelerates programming time for higher throughput
during system production
Package options
—80-pin PQFP
— 80-ball Fortified BGA
— Pb-free package option also available
— Known Good Die


Similar Part No. - S29CD032G0JQAM002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD032G0JQAI000 SPANSION-S29CD032G0JQAI000 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI002 SPANSION-S29CD032G0JQAI002 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI003 SPANSION-S29CD032G0JQAI003 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI010 SPANSION-S29CD032G0JQAI010 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI012 SPANSION-S29CD032G0JQAI012 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
More results

Similar Description - S29CD032G0JQAM002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com