Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1346FSA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1346FSA
Description  Two Coil Fan Motor Predriver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1346FSA Datasheet(HTML) 3 Page - Anachip Corp

  AP1346FSA Datasheet HTML 1Page - Anachip Corp AP1346FSA Datasheet HTML 2Page - Anachip Corp AP1346FSA Datasheet HTML 3Page - Anachip Corp AP1346FSA Datasheet HTML 4Page - Anachip Corp AP1346FSA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP1346/1347
Two Coil Fan Motor Predriver
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Jun 9, 2004
3/5
Absolute Maximum Ratings (T
A=25ºC)
Parameter
Symbol
Rating
Unit
Input voltage
VCC
30
V
Output current
IOUT
70
mA
Allowable power dissipation
PD
550*(note1)
mW
Operating temperature
TOPR
-30 to +85
ºC
Storage temperature
TSTG
-55 to +125
ºC
*note1 : Reduced by 5.5mW for each increase in Ta of 1ºC over 25 ºC
Electrical Characteristics ( T
A=25ºC, VCC=12V, unless otherwise noted)
Rating
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input voltage
VIN
4
--
28
V
Hall input voltage (DC+AC)
VBH
Includes the amplitude of signal
1
--
VCC-0.5
V
Supply current
ICC
The output is off
--
4
5.5
mA
Hall amp input hysteresis (+)
VHYS+
Delta V when VBH=6V
3
--
15
mV
Hall amp input hysteresis (-)
VHYS-
Delta V when VBH=6V
-15
--
-3
mV
Charge current
ICHG
VCT = 1.5V
7.7
9.6
11.5
uA
Discharge current
IDHG
VCT = 1.5V
0.19
0.24
0.29
uA
Charge/discharge ratio
RCD
ICHG/IDCHG
32
40
48
--
Clamp voltage
VCL
1.6
2.0
2.4
V
Comparator voltage
VCP
0.8
1.0
1.2
V
Output high level
VOH
IO = 10mA
10
10.5
--
V
FG / RD pin output low
VFGL / VRDL IFG = 5mA / IRD = 5mA
--
--
0.5
V
FG / RD pin sink current
capacity
IFG / IRD
VFGL = 2V / VRDL = 2V
8
--
--
mA


Similar Part No. - AP1346FSA

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
   Tri-Band HBT Power Amplifier Module
More results

Similar Description - AP1346FSA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1306 ANACHIP-AP1306 Datasheet
159Kb / 5P
   Two Coil Fan Motor Predriver
AP1307 ANACHIP-AP1307 Datasheet
161Kb / 5P
   Two Coil Fan Motor Predriver
logo
Texas Instruments
TMP821 TI1-TMP821 Datasheet
523Kb / 13P
[Old version datasheet]   TWO-PHASE HALF-WAVE MOTOR PREDRIVER
logo
Silicon Touch Technolog...
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com