Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS256NB0BAWEP0 Datasheet(PDF) 10 Page - SPANSION

Part # S71WS256NB0BAWEP0
Description  Stacked Multi-Chip Product (MCP)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256NB0BAWEP0 Datasheet(HTML) 10 Page - SPANSION

Back Button S71WS256NB0BAWEP0 Datasheet HTML 5Page - SPANSION S71WS256NB0BAWEP0 Datasheet HTML 6Page - SPANSION S71WS256NB0BAWEP0 Datasheet HTML 7Page - SPANSION S71WS256NB0BAWEP0 Datasheet HTML 8Page - SPANSION S71WS256NB0BAWEP0 Datasheet HTML 9Page - SPANSION S71WS256NB0BAWEP0 Datasheet HTML 10Page - SPANSION S71WS256NB0BAWEP0 Datasheet HTML 11Page - SPANSION S71WS256NB0BAWEP0 Datasheet HTML 12Page - SPANSION S71WS256NB0BAWEP0 Datasheet HTML 13Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
8
S71WS-N
S71WS-N_00_A6 July 19, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
5.3.2
FTA084—84-ball Fine-Pitch Ball Grid Array (FBGA) 11.6 x 8.0 x 1.4 mm
3388 \ 16-038.21a
PACKAGE
FTA 084
JEDEC
N/A
D x E
11.60 mm x 8.00 mm
NOTE
PACKAGE
SYMBOL
MIN
NOM
MAX
A
---
---
1.40
PROFILE
A1
0.17
---
---
BALL HEIGHT
A2
1.02
---
1.17
BODY THICKNESS
D
11.60 BSC.
BODY SIZE
E
8.00 BSC.
BODY SIZE
D1
8.80 BSC.
MATRIX FOOTPRINT
E1
7.20 BSC.
MATRIX FOOTPRINT
MD
12
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
84
BALL COUNT
φb
0.35
0.40
0.45
BALL DIAMETER
eE
0.80 BSC.
BALL PITCH
eD
0.80 BSC
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
A2,A3,A4,A5,A6,A7,A8,A9
DEPOPULATED SOLDER BALLS
B1,B10,C1,C10,D1,D10,E1,E10
F1,F10,G1,G10,H1,H10
J1,J10,K1,K10,L1,L10
M2,M3,M4,M5,M6,M7,M8,M9
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9.
N/A
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
(2X)
C
0.08
0.20 C
C
6
b
SIDE VIEW
84X
A1
A2
A
0.15 M C
MC
AB
0.08
BOTTOM VIEW
ML
E1
7
SE
A
D1
eD
DC
E
F
G
H
J
K
10
8
9
7
6
4
3
2
1
eE
5
B
PIN A1
CORNER
7
SD
A
E
B
C
0.15
D
C
0.15
(2X)
INDEX MARK
10
TOP VIEW
CORNER
PIN A1


Similar Part No. - S71WS256NB0BAWEP0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS256N SPANSION-S71WS256N Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256NC0 SPANSION-S71WS256NC0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256NC0BAWA20 SPANSION-S71WS256NC0BAWA20 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256NC0BAWA22 SPANSION-S71WS256NC0BAWA22 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256NC0BAWA23 SPANSION-S71WS256NC0BAWA23 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS256NB0BAWEP0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com