Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCJD6VT1060C Datasheet(PDF) 1 Page - ITT Industries

Part # TMCJD6VT1060C
Description  Miniature Snap-acting Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TMCJD6VT1060C Datasheet(HTML) 1 Page - ITT Industries

  TMCJD6VT1060C Datasheet HTML 1Page - ITT Industries TMCJD6VT1060C Datasheet HTML 2Page - ITT Industries TMCJD6VT1060C Datasheet HTML 3Page - ITT Industries TMCJD6VT1060C Datasheet HTML 4Page - ITT Industries TMCJD6VT1060C Datasheet HTML 5Page - ITT Industries TMCJD6VT1060C Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
K–11
C&K TM Series
Miniature Snap-acting Switches
Features/Benefits
High electrical life up to 15 AMPS
Broad range of operating forces available
Wide variety of actuator and terminal styles
Cost-effective solution
Typical Applications
Pumps and motors
White goods
Consumer appliances
Specifications
CONTACT RATING: From low level* to 15 AMPS @ 250 V AC.
ELECTRICAL LIFE: 150,000 cycles at 15 AMPS @ 250 V AC, models
with 150 grams operating force. 350,000 cycles at 10 AMPS @
250 V AC, models with 75 grams operating force.
INSULATION RESISTANCE: 1,000 M ohm min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –67ºF to 302ºF (–55ºC to 150ºC).
OPERATING FORCE: 50, 75 and 150 grams at actuator available;
refer to chart for lever style forces.
MOUNTING: Torque screws 2-5 in/lbs.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max.
Materials
SWITCH HOUSING: Thermoplastic or general purpose phenolic
(UL 94V-0).
ACTUATOR BUTTON: Thermoplastic (UL 94V-0).
SPRING: Copper alloy.
PIVOT: Brass alloy.
MOVABLE CONTACTS: Gold alloy for ratings 1 AMP @ 125 V AC
or less. Fine silver for ratings greater than 1 AMP @ 125 V AC.
STATIONARY CONTACTS: Gold alloy for ratings 1 AMP or less.
Fine silver for ratings greater than 1 AMP.
TERMINALS: Brass alloy for ratings up to 10 AMPS @ 250 V AC.
Copper alloy for 15 AMPS @ 250 V AC ratings.
NOTE: For the latest information regarding RoHS compliance, please go
to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K-12 through K-16. For additional options not shown in catalog, consult Customer Service Center.
Available extended electrical life per UL 1054, rated for 100,000 operations, consult factory.
Series
TM SP, Mom.
Operating Force
CG 2.65 oz./75 grams
CJ 5.29 oz.,/150 grams
CF 1.76 oz./50 grams
Electrical Rating
D6 1O A @ 125 & 250 V AC; 1/3 HP @ 125 & 25O V
AC;1/2 A @ 125 V DC; 1/4 A @ 250 V DC
G6 15 A @ 125 & 250 V AC; 1/4 A @ 250 V DC;
1/2 A @ 125 V DC; 1/2 HP @ 125 & 250 V AC;
3 A @ 125 V AC “L”
F5 1 A @ 125 V AC; 1 A @ 30 V DC
H3 5 A @ 250 V AC; 1/6 HP @ 125 & 25O V AC
Actuator
P00 Pin plunger
A10 .81" lever roller, high force
A15 1.34" lever roller, high force
A20 1.02" lever roller, low force
A25 1.56" lever roller, low force
T10 .84" lever, high force
T13 1.34" simulated roller, high force
T14 1.29" simulated roller, high force
T15 1.40" lever, high force
T16 2.34" lever, high force
T17 2.00" lever, high force
T18 2.75" lever, high force
T20 1.06" lever, low force
T23 1.56" simulated roller, low force
T24 1.50" simulated roller, low force
T25 1.62" lever, low force
T26 2.56" lever, low force
T27 2.22" lever, low force
T28 2.97" lever, low force
Terminations
40 .187" quick connect
10 Solder
4A .250" quick connect
60 Screw
Circuitry
C SPDT
W SPST N.C.
Y SPST N.O.
Mounting Style
S Standard
V Metric
T
M


Similar Part No. - TMCJD6VT1060C

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCJ HOLYSTONECAPS-TMCJ Datasheet
46Kb / 1P
   TANTALUM ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCJ0E106MTRF VISHAY-TMCJ0E106MTRF Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCJ0E156MTRF VISHAY-TMCJ0E156MTRF Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCJ0E226MTRF VISHAY-TMCJ0E226MTRF Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
More results

Similar Description - TMCJD6VT1060C

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
logo
ITT Industries
TFCJJ6SP0040C ITT-TFCJJ6SP0040C Datasheet
308Kb / 6P
   Miniature Snap-acting Switches
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com