Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCGD6VT1060C Datasheet(PDF) 6 Page - ITT Industries

Part # TMCGD6VT1060C
Description  Miniature Snap-acting Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TMCGD6VT1060C Datasheet(HTML) 6 Page - ITT Industries

  TMCGD6VT1060C Datasheet HTML 1Page - ITT Industries TMCGD6VT1060C Datasheet HTML 2Page - ITT Industries TMCGD6VT1060C Datasheet HTML 3Page - ITT Industries TMCGD6VT1060C Datasheet HTML 4Page - ITT Industries TMCGD6VT1060C Datasheet HTML 5Page - ITT Industries TMCGD6VT1060C Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
K–16
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
C&K TM Series
Miniature Snap-acting Switches
CIRCUITRY
TERMINATIONS
10
SOLDER
60
SCREW TERMINALS
4A
.250" QUICK CONNECT
40
.187" QUICK CONNECT
Y
SPST N.O. (Single Pole, Single Throw, Normally Open)
W SPST N.C. (Single Pole, Single Throw, Normally Closed)
C
SPDT (Single Pole, Double Throw)
Not available with ‘F5’ rating option.
Not available with ‘F5’ rating option.
Not available with ‘F5’ rating option.


Similar Part No. - TMCGD6VT1060C

ManufacturerPart #DatasheetDescription
logo
C&K Components
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
More results

Similar Description - TMCGD6VT1060C

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
logo
ITT Industries
TFCJJ6SP0040C ITT-TFCJJ6SP0040C Datasheet
308Kb / 6P
   Miniature Snap-acting Switches
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com