Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3750 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MC3750
Description  MC3750
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC3750 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MC3750 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC3750 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC3750 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: 1
2005/10/27
MC3750
MST
Absolute Maximum Ratings at Ta=25 ℃
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
78
mW
Reverse Voltage
VR
5
V
D.C. Forward Current
If
30
mA
Peak Current(1/10Duty Cycle,0.1ms Pulse Width.)
If(Peak)
100
mA
Operating Temperature Range
Topr.
-25 to +85
Storage Temperature Range
Tstg.
-40 to +100
Lead Soldering Temp. (1.6mm from body) for 5 seconds
260
Electrical and Optical Characteristics:
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Luminous Intensity
IV
If=20mA
30.0
100
mcd
Forward Voltage
Vf
If=20mA
2.1
2.6
V
Peak Wavelength
λP
If=20mA
635
nm
Dominant Wavelength
λD
If=20mA
626
nm
Reverse Current
Ir
Vr=5V
100
µA
Viewing Angle
2θ1/2
If=20mA
25
deg
Spectrum Line Halfwidth
λ
If=20mA
35
nm


Similar Part No. - MC3750

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MC3 OMRON-MC3 Datasheet
1Mb / 12P
   Safety Mat/Safety Mat Controller
logo
Carlo Gavazzi Holding A...
MC3 CARLOGAVAZZI-MC3 Datasheet
54Kb / 2P
   Proximity Magnetic Sensors Rectangular Housing
logo
Allied Components Inter...
MC30 ALLIED-MC30 Datasheet
393Kb / 1P
   Molded Chip Inductors
MC30-100K-RC ALLIED-MC30-100K-RC Datasheet
393Kb / 1P
   Molded Chip Inductors
MC30-100K-RC ALLIED-MC30-100K-RC Datasheet
393Kb / 1P
   Molded Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com