Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD016G0JFAI002 Datasheet(PDF) 5 Page - SPANSION

Part # S29CD016G0JFAI002
Description  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD016G0JFAI002 Datasheet(HTML) 5 Page - SPANSION

  S29CD016G0JFAI002 Datasheet HTML 1Page - SPANSION S29CD016G0JFAI002 Datasheet HTML 2Page - SPANSION S29CD016G0JFAI002 Datasheet HTML 3Page - SPANSION S29CD016G0JFAI002 Datasheet HTML 4Page - SPANSION S29CD016G0JFAI002 Datasheet HTML 5Page - SPANSION S29CD016G0JFAI002 Datasheet HTML 6Page - SPANSION S29CD016G0JFAI002 Datasheet HTML 7Page - SPANSION S29CD016G0JFAI002 Datasheet HTML 8Page - SPANSION S29CD016G0JFAI002 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
November 14, 2005 S29CD-G_00_B0
S29CD-G Flash Family
3
Pr el im i n a r y
Hardware data protection measures include a low VCC detector that automatically inhibits write
operations during power transitions. The password and software sector protection feature
disables both program and erase operations in any combination of sectors of memory. This can
be achieved in-system at VCC level.
The Program/Erase Suspend/Erase Resume feature enables the user to put erase on hold
for any period of time to read data from, or program data to, any sector that is not selected for
erasure. True background erase can thus be achieved.
The hardware RESET# pin terminates any operation in progress and resets the internal state
machine to reading array data.
The device offers two power-saving features. When addresses are stable for a specified amount
of time, the device enters the automatic sleep mode. The system can also place the device into
the standby mode. Power consumption is greatly reduced in both these modes.
AMD’s Flash technology combines years of Flash memory manufacturing experience to produce
the highest levels of quality, reliability and cost effectiveness. The device electrically erases all
bits within a sector simultaneously via Fowler-Nordheim tunnelling. The data is programmed
using hot electron injection.


Similar Part No. - S29CD016G0JFAI002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G0JFAI002 SPANSION-S29CD016G0JFAI002 Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29CD016G0JFAI002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com