Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC54HC157A Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC54HC157A
Description  Quad 2-Input Data Selectors / Multiplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54HC157A Datasheet(HTML) 3 Page - Motorola, Inc

  MC54HC157A Datasheet HTML 1Page - Motorola, Inc MC54HC157A Datasheet HTML 2Page - Motorola, Inc MC54HC157A Datasheet HTML 3Page - Motorola, Inc MC54HC157A Datasheet HTML 4Page - Motorola, Inc MC54HC157A Datasheet HTML 5Page - Motorola, Inc MC54HC157A Datasheet HTML 6Page - Motorola, Inc MC54HC157A Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC54/74HC157A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
VOL
Maximum Low–Level Output
Voltage
Vin = VIL
|Iout| v 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIL
|Iout| v 2.4 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.4
0.4
0.4
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
µA
IOZ
Maximum Three–State Leakage
Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
4.0
40
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Sb l
P
V
Guaranteed Limit
Ui
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A or B to Output Y
(Figures 1 and 4)
2.0
3.0
4.5
6.0
105
65
21
18
130
85
26
22
160
115
32
27
ns
tPLH,
tPHL
Maximum Propagation Delay, Select to Output Y
(Figures 2 and 4)
2.0
3.0
4.5
6.0
110
70
22
19
140
90
28
24
165
115
33
28
ns
tPLH,
tPHL
Maximum Propagation Delay, Output Enable to Output Y
(Figures 3 and 4)
2.0
3.0
4.5
6.0
100
60
20
17
125
80
25
21
150
110
30
26
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
C
PDi
i
i
C
i
(P
P
k
)*
Typical @ 25
°C, VCC = 5.0 V
F
CPD
Power Dissipation Capacitance (Per Package)*
33
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC54HC157A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54HC154 MOTOROLA-MC54HC154 Datasheet
107Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
MC54HC154J MOTOROLA-MC54HC154J Datasheet
107Kb / 7P
   1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - MC54HC157A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC158 SLS-SL74HC158 Datasheet
64Kb / 5P
   Quad 2-Input Data Selectors/Multiplexers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
MC74HC157A ONSEMI-MC74HC157A_05 Datasheet
115Kb / 10P
   Quad 2?묲nput Data Selectors / Multiplexers
June, 2005 ??Rev. 9
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
DM54S157 NSC-DM54S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
logo
KODENSHI_AUK CORP.
KK74HC158A KODENSHI-KK74HC158A Datasheet
217Kb / 6P
   Quad 2-Input Data Selectors/Multiplexers High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com