Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8853-31PY Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS8853-31PY
Description  300mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS8853-31PY Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS8853-31PY Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8853-31PY Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8853-31PY Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8853-31PY Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8853-31PY Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8853-31PY Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8853-31PY Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8853-31PY Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8853-31PY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FS8853
300mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
5/13
TD-0405006
Rev. 1.5
http://www.fsc.com.tw
FAX: +886-2-2809-4874
E
Elleeccttrriiccaall C
Ch
haarraacctteerriissttiiccss
(TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
9.0
V
VIN=VOUT+0.48V, IOUT=1mA, VIN≦7V V
OUT
-
0.035
VOUT
VOUT+
0.035
V
VOUT
Output Voltage
VIN=VOUT+0.48V, IOUT=1mA, 7V<VIN
9V
VOUT-
0.042
VOUT
VOUT+
0.042
V
VIN>VOUT+0.48V, VIN≦7V
-35
+35
mV
∆ VOUT
Output Voltage Accuracy
VIN>VOUT+0.48V, 7V<VIN≦9V
-42
+42
mV
IMAX
Maximum Load Current
300
mA
ILIMIT
Current Limit
0.6
A
ISC
Short-Circuit Current
VOUT=0V, VIN>VOUT+0.48V
140
160
mA
IQ
Ground Pin Current
ILOAD=0mA to 300mA,
VIN=VOUT+0.48V
65
120
µA
IOUT=1mA
1.1
1.3
mV
IOUT=100mA
120
145
mV
VDROP
Dropout Voltage
IOUT=300mA
400
480
mV
∆VLINE
Line Regulation
VOUT+0.48V<VIN<9V, ILOAD=1mA
0.2
0.3
%/V
∆VLOAD
Load Regulation
IOUT=0mA to 300mA
0.01
0.02
%/mA
eN
Output Noise
F=1Hz to 10KHz, COUT=3.3µF
70
µVRMS
PSRR
Ripple Rejection
F=10KHz, COUT=3.3µF
75
dB
TSD
Thermal Shutdown
Temperature
155
°C
THYS
Thermal Shutdown
Hysteresis
20
°C
SOT-23
320
°C/W
SOT-89
180
°C/W
θJA
Thermal Resistance
TO-92
180
°C/W


Similar Part No. - FS8853-31PY

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8853-30GC FORTUNE-FS8853-30GC Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-30GI FORTUNE-FS8853-30GI Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-30GL FORTUNE-FS8853-30GL Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-33GC FORTUNE-FS8853-33GC Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-33GI FORTUNE-FS8853-33GI Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
More results

Similar Description - FS8853-31PY

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com