Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72NS128PD0AJBGG0 Datasheet(PDF) 4 Page - SPANSION

Part # S72NS128PD0AJBGG0
Description  MirrorBit Flash Memory and DRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72NS128PD0AJBGG0 Datasheet(HTML) 4 Page - SPANSION

  S72NS128PD0AJBGG0 Datasheet HTML 1Page - SPANSION S72NS128PD0AJBGG0 Datasheet HTML 2Page - SPANSION S72NS128PD0AJBGG0 Datasheet HTML 3Page - SPANSION S72NS128PD0AJBGG0 Datasheet HTML 4Page - SPANSION S72NS128PD0AJBGG0 Datasheet HTML 5Page - SPANSION S72NS128PD0AJBGG0 Datasheet HTML 6Page - SPANSION S72NS128PD0AJBGG0 Datasheet HTML 7Page - SPANSION S72NS128PD0AJBGG0 Datasheet HTML 8Page - SPANSION S72NS128PD0AJBGG0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2
S72NS-P Based MCPs/PoPs
S72NS-P_00_01 September 6, 2006
Data
Sheet
(Adv ance
I nf or mation)
1.
Product Selector Guide
Device OPN
Flash
Density
DDR DRAM
Density
Flash Speed
(MHz)
DDR DRAM
Speed (MHz)
Supplier
Package
S72NS128PD0AJBGG
128 Mb
128 Mb
66
133
DRAM1
8.0 x 8.0mm133-ball MCP
S72NS128PD0AJBGC
80
S72NS128PD0AJBLG
66
DRAM5
S72NS128PD0AJBLC
80
S72NS128PD0KJFGG
128 Mb
128 Mb
66
133
DRAM1
12.0 x 12.0mm 128-ball PoP
S72NS128PD0KJFGC
80
S72NS128PD0KJFLG
66
DRAM5
S72NS128PD0KJFLC
80
S72NS256PD0AJBGG
256 Mb
128 Mb
66
133
DRAM1
8.0 x 8.0mm133-ball MCP
S72NS256PD0AJBGC
80
S72NS256PD0AJBLG
66
DRAM5
S72NS256PD0AJBLC
80
S72NS256PD0KJFGG
256 Mb
128 Mb
66
133
DRAM1
12.0 x 12.0mm 128-ball PoP
S72NS256PD0KJFGC
80
S72NS256PD0KJFLG
66
DRAM5
S72NS256PD0KJFLC
80
S72NS512PD0AJGGG
512 Mb
128 Mb
66
133
DRAM1
11.0 x 10.0mm 133-ball MCP
S72NS512PD0AJGGC
80
S72NS512PD0AJGLG
66
DRAM5
S72NS512PD0AJGLC
80
S72NS512PD0KJFGG
512 Mb
128 Mb
66
133
DRAM1
12.0 x 12.0mm 128-ball PoP
S72NS512PD0KJFGC
80
S72NS512PD0KJFLG
66
DRAM5
S72NS512PD0KJFLC
80
S72NS512PE0AJGGG
512 Mb
256 Mb
66
133
DRAM1
11.0 x 10.0mm 133-ball MCP
S72NS512PE0AJGGC
80
S72NS512PE0AJGLG
66
DRAM5
S72NS512PE0AJGLC
80
S72NS512PE0KJFGG
512 Mb
256 Mb
66
133
DRAM1
12.0 x 12.0mm 128-ball PoP
S72NS512PE0KJFGC
80
S72NS512PE0KJFLG
66
DRAM5
S72NS512PE0KJFLC
80


Similar Part No. - S72NS128PD0AJBGG0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS128ND0-12 SPANSION-S72NS128ND0-12 Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0-13 SPANSION-S72NS128ND0-13 Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0-1J SPANSION-S72NS128ND0-1J Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0-1K SPANSION-S72NS128ND0-1K Datasheet
584Kb / 17P
   Based MCPs
S72NS128ND0AFW120 SPANSION-S72NS128ND0AFW120 Datasheet
584Kb / 17P
   Based MCPs
More results

Similar Description - S72NS128PD0AJBGG0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
AM70PDL127CDH SPANSION-AM70PDL127CDH Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDLI27BDH SPANSION-AM70PDLI27BDH Datasheet
2Mb / 128P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com