Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS512N80BFIZZ3 Datasheet(PDF) 11 Page - SPANSION

Part # S71WS512N80BFIZZ3
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM CMOS 1.8 Volt
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512N80BFIZZ3 Datasheet(HTML) 11 Page - SPANSION

Back Button S71WS512N80BFIZZ3 Datasheet HTML 7Page - SPANSION S71WS512N80BFIZZ3 Datasheet HTML 8Page - SPANSION S71WS512N80BFIZZ3 Datasheet HTML 9Page - SPANSION S71WS512N80BFIZZ3 Datasheet HTML 10Page - SPANSION S71WS512N80BFIZZ3 Datasheet HTML 11Page - SPANSION S71WS512N80BFIZZ3 Datasheet HTML 12Page - SPANSION S71WS512N80BFIZZ3 Datasheet HTML 13Page - SPANSION S71WS512N80BFIZZ3 Datasheet HTML 14Page - SPANSION S71WS512N80BFIZZ3 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 142 page
background image
June 28, 2004 S71WS512NE0BFWZZ_00_A1
11
Ad vance
Info rmat i o n
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device.
Consult the local sales office to confirm availability of specific valid combinations and to
check on newly released combinations.
S71
W S
512 N E 0 B F W ZZ
0
PACKING TYPE
0= Tray
2= 7” Tape & Reel
3
= 13” Tape & Reel
Additional ordering options
See Product Selector Guide
TEMPERATURE (and RELIABILITY) GRADE
E
= Engineering Samples
W
= Wireless (-25
°C to +85°C)
I
= Industrial (-40
°C to +85°C)
PACKAGE MATERIAL SET (BGA Package Type)
A
= Standard (Pb-free compliant) Package
F
= Lead (Pb)-free Package
PACKAGE TYPE
B= BGA Package
CHIP CONTENTS—2
0
= No second content
CHIP CONTENTS—1
8= 8 Mb
A
= 16 Mb
B
= 32 Mb
C
= 64 Mb
E
= 256 Mb (two 128Mb)
Spansion FLASH MEMORY PROCESS TECHNOLOGY
(Highest-density Flash described in Characters 4-8)
N
= 110 nm MirrorBitTM Technology
BASE NOR FLASH DENSITY
512
= two S29WS256N
BASE NOR FLASH CORE VOLTAGE
S
= 1.8-volt VCC
BASE NOR FLASH INTERFACE and SIMULTANEOUS READ/
WRITE
W
= Simultaneous Read/Write, Burst
PRODUCT FAMILY
71
= Flash Base + xRAM.
PREFIX
S= Spansion


Similar Part No. - S71WS512N80BFIZZ3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS512N SPANSION-S71WS512N Datasheet
572Kb / 18P
   Migrating from the S71WS512N to the S71WS512P
S71WS512N SPANSION-S71WS512N Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS512NB0BAWAJ0 SPANSION-S71WS512NB0BAWAJ0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NB0BAWAJ2 SPANSION-S71WS512NB0BAWAJ2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NB0BAWAJ3 SPANSION-S71WS512NB0BAWAJ3 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS512N80BFIZZ3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S71PL129JC0 SPANSION-S71PL129JC0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
AM49BDS640AH SPANSION-AM49BDS640AH Datasheet
1Mb / 84P
   Stacked Multichip Package (MCP), Flash Memory and pSRAM CMOS 1.8 Volt-only Simultaneous Read/Write
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com