Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9789A Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX9789A
Description  Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9789A Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX9789A Datasheet HTML 12Page - Maxim Integrated Products MAX9789A Datasheet HTML 13Page - Maxim Integrated Products MAX9789A Datasheet HTML 14Page - Maxim Integrated Products MAX9789A Datasheet HTML 15Page - Maxim Integrated Products MAX9789A Datasheet HTML 16Page - Maxim Integrated Products MAX9789A Datasheet HTML 17Page - Maxim Integrated Products MAX9789A Datasheet HTML 18Page - Maxim Integrated Products MAX9789A Datasheet HTML 19Page - Maxim Integrated Products MAX9789A Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Windows Vista-Compliant, Stereo Class AB Speaker
Amplifiers and DirectDrive Headphone Amplifiers
16
______________________________________________________________________________________
Speaker and Headphone
Amplifier Enable
The MAX9789A/MAX9790A feature control inputs for the
independent enabling of the speaker and headphone
amplifiers, allowing both to be active simultaneously if
required. Driving
SPKR_EN high disables the speaker
amplifiers. Driving HP_EN low independently disables
the headphone amplifiers. For applications that require
only one of the amplifiers to be on at a given time,
SPKR_EN and HP_EN can be tied together allowing a
single logic voltage to enable either the speaker or the
headphone amplifier as shown in Figure 4.
MUTE
The MAX9789A/MAX9790A allow for the speaker and
headphone amplifiers to be muted. By driving
MUTE
low, both the speaker and headphone amplifiers are
muted. When muted, the speaker outputs remain
biased at VDD / 2.
Shutdown
The MAX9789A/MAX9790A feature a low-power shut-
down mode, drawing 0.3µA of supply current. By dis-
abling the speaker, headphone amplifiers and the LDO
(for MAX9789A), the MAX9789A/MAX9790A enter low-
power shutdown mode. Set
SPKR_EN to VDD and
HP_EN and LDO_EN to GND to disable the speaker
amplifiers, headphone amplifiers, and LDO, respectively.
Click-and-Pop Suppression
Speaker Amplifier
The MAX9789A/MAX9790A speaker amplifiers feature
Maxim’s comprehensive, industry-leading click-and-
pop suppression. During startup, the click-and-pop
suppression circuitry eliminates any audible transient
sources internal to the device. When entering shut-
down, the differential speaker outputs ramp to GND
quickly and simultaneously.
Headphone Amplifier
In conventional single-supply headphone amplifiers, the
output-coupling capacitor is a major contributor of audi-
ble clicks and pops. Upon startup, the amplifier charges
the coupling capacitor to its bias voltage, typically
VDD / 2. Likewise, during shutdown, the capacitor is dis-
charged to GND. A DC shift across the capacitor results,
which in turn, appears as an audible transient at the
headphone. Since the MAX9789A/MAX9790A do not
require output-coupling capacitors, no audible transient
occurs.
Additionally, the MAX9789A/MAX9790A features exten-
sive click-and-pop suppression that eliminates any
audible transient sources internal to the device. The
startup/shutdown waveform in the
Typical Operating
Characteristics shows that there are minimal spectral
components in the audible range at the output.
Applications Information
BTL Speaker Amplifiers
The MAX9789A/MAX9790A feature speaker amplifiers
designed to drive a load differentially, a configuration
referred to as bridge-tied load (BTL). The BTL configu-
ration (Figure 5) offers advantages over the single-
ended configuration, where one side of the load is
connected to ground. Driving the load differentially
doubles the output voltage compared to a single-
ended amplifier operating under similar conditions. The
doubling of the output voltage yields four times the out-
put power at the load.
Since the differential outputs are biased at mid-supply,
there is no net DC voltage across the load. This elimi-
nates the need for DC-blocking capacitors required for
single-ended amplifiers. These capacitors can be
large, expensive, consume board space, and degrade
low-frequency performance.
MAX9789A/MAX9790A
SPKR_EN
SINGLE
CONTROL PIN
HP_EN
Figure 4. Enabling Either the Speaker or Headphone Amplifier
with a Single Control Pin
+1
VOUT(P-P)
2 x VOUT(P-P)
VOUT(P-P)
-1
Figure 5. Bridge-Tied Load Configuration


Similar Part No. - MAX9789A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX9789AETJ++ MAXIM-MAX9789AETJ+ Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX9789AEVKIT++ MAXIM-MAX9789AEVKIT+ Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
More results

Similar Description - MAX9789A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9791 MAXIM-MAX9791_V01 Datasheet
826Kb / 34P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
19-4217; Rev 1; 6/10
MAX9791 MAXIM-MAX9791 Datasheet
630Kb / 30P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
Rev 0; 11/08
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com