Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4558AM Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # 4558AM
Description  DUAL LOW NOISE OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

4558AM Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  4558AM Datasheet HTML 1Page - Advanced Analog Technology, Inc. 4558AM Datasheet HTML 2Page - Advanced Analog Technology, Inc. 4558AM Datasheet HTML 3Page - Advanced Analog Technology, Inc. 4558AM Datasheet HTML 4Page - Advanced Analog Technology, Inc. 4558AM Datasheet HTML 5Page - Advanced Analog Technology, Inc. 4558AM Datasheet HTML 6Page - Advanced Analog Technology, Inc. 4558AM Datasheet HTML 7Page - Advanced Analog Technology, Inc. 4558AM Datasheet HTML 8Page - Advanced Analog Technology, Inc. 4558AM Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
AZ4558A
1
August 2003
Advanced Analog Circuits
Data Sheet
Rev.1.1
General Description
The AZ4558A consists of two low noise, high perfor-
mance operational amplifiers. It is specially suitable
for applications in differential-in, differential-out as
well as in industrial measurement tools and applica-
tions where gain and phase matched channels are man-
datory.
The IC features monolithic silicon chip, internal fre-
quency compensation, low noise, low distortion, wide
operating voltage range, high gain and high bandwidth.
The AZ4558A can operate under dual power supply
voltage up to
±18V or single power supply up to 36V.
Features
·
Operating voltage:
±2V ~ ±18V
·
Large DC voltage gain: 110 dB
·
Low input noise voltage: 1
µVRMS
·
Wide gain bandwidth product: 7 MHz
·
Slew rate: 3V/
µs
·
Package outline: DIP8, SOIC8
Applications
·
Audio AC-3 decoded system
·
Audio amplifier
·
AC/DC converter
DIP-8
SOIC-8
Figure 1. Package Types of AZ4558A


Similar Part No. - 4558AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4558 ETC1-4558 Datasheet
47Kb / 3P
   DUAL OPERATIONAL AMPLIFIER-YD4558
logo
Wuxi Youda electronics ...
4558 YOUDA-4558 Datasheet
80Kb / 3P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
4558 NJRC-4558 Datasheet
203Kb / 4P
   DUAL OPERATIONAL AMPLIFIER
logo
RAF ELECTRONIC HARDWARE
4558-632-AL RAF-4558-632-AL Datasheet
83Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4558-632-SS RAF-4558-632-SS Datasheet
83Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4558AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com