Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8566 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8566
Description  High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8566 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8566 Datasheet HTML 5Page - Maxim Integrated Products MAX8566 Datasheet HTML 6Page - Maxim Integrated Products MAX8566 Datasheet HTML 7Page - Maxim Integrated Products MAX8566 Datasheet HTML 8Page - Maxim Integrated Products MAX8566 Datasheet HTML 9Page - Maxim Integrated Products MAX8566 Datasheet HTML 10Page - Maxim Integrated Products MAX8566 Datasheet HTML 11Page - Maxim Integrated Products MAX8566 Datasheet HTML 12Page - Maxim Integrated Products MAX8566 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
High-Efficiency, 10A, PWM
Internal-Switch Step-Down Regulator
_______________________________________________________________________________________
9
IOUT
(2A/div)
VOUT
AC-COUPLED
(50mV/div)
5A
0
t = 10
µs/div
LOAD TRANSIENT (0 TO 5A)
MAX8566 toc13
0A
IL
(2A/div)
VOUT
(10mV/div)
VLX
(2V/div)
12A
10A
3V
0V
t = 400ns/div
FULL-LOAD SWITCHING WAVEFORMS
MAX8566 toc14
0V
IIN
(5A/div)
VEN
(2V/div)
VOUT
(1V/div)
VPWRGD
(2V/div)
7A
(PEAK)
0A
3.3V
0V
1.8V
3V
0V
t = 400
µs
STARTUP INTO 0.18
Ω LOAD
(RLOAD = 0.18
Ω)
MAX8566 toc15
0
°
0dB
GAIN
(10dB/div)
PHASE
(45
°/div)
1
10
100
1000
GAIN/PHASE OF THE VOLTAGE LOOP
MAX8566 toc12
FREQUENCY (kHz)
56
°
147 kHz
Typical Operating Characteristics (continued)
(Typical values are at VIN = VDD = 3.3V, VOUT = 1.8V, RFREQ = 50k
Ω, IOUT = 10A, and TA = +25°C.)


Similar Part No. - MAX8566

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8566 MAXIM-MAX8566 Datasheet
288Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
MAX8566 MAXIM-MAX8566 Datasheet
277Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator 32-Lead TQFN Package
Rev 3; 3/11
MAX8566ETJ MAXIM-MAX8566ETJ Datasheet
277Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator 32-Lead TQFN Package
Rev 3; 3/11
MAX8566ETJ++ MAXIM-MAX8566ETJ+ Datasheet
288Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
MAX8566 MAXIM-MAX8566_09 Datasheet
288Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
More results

Similar Description - MAX8566

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8566 MAXIM-MAX8566_09 Datasheet
288Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
MAX8566 MAXIM-MAX8566_11 Datasheet
277Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator 32-Lead TQFN Package
Rev 3; 3/11
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
   Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
logo
Renesas Technology Corp
ISL8210M RENESAS-ISL8210M Datasheet
2Mb / 41P
   10A High Efficiency Step-Down Power Module
Feb 15, 2019
logo
Maxim Integrated Produc...
MAX1515 MAXIM-MAX1515 Datasheet
489Kb / 24P
   Low-Voltage, Internal Switch, Step-Down/DDR Regulator
Rev 1; 3/06
logo
Linear Technology
LTC3613EWKH LINER-LTC3613EWKH Datasheet
189Kb / 6P
   Fast, High Efficiency Step-Down Regulator
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Monolithic Power System...
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
   High Efficiency, 10A, 18V Synchronous Step-down Converter
logo
Linear Technology
LTC3639 LINER-LTC3639 Datasheet
373Kb / 24P
   High Efficiency, 150V High Efficiency, 150V Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com