Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P538PFM-101 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89P538PFM-101
Description  8-bit Original Microcontroller CMOS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P538PFM-101 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89P538PFM-101 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P538PFM-101 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P538PFM-101 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P538PFM-101 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P538PFM-101 Datasheet HTML 9Page - Fujitsu Component Limited. MB89P538PFM-101 Datasheet HTML 10Page - Fujitsu Component Limited. MB89P538PFM-101 Datasheet HTML 11Page - Fujitsu Component Limited. MB89P538PFM-101 Datasheet HTML 12Page - Fujitsu Component Limited. MB89P538PFM-101 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MB89530H Series
9
s
s
s
s PIN DESCRIPTIONS
(Continued)
Pin no.
Pin name
I/O
circuit
type
Function
SH-DIP*1
MDIP*2
QFP*3
MQFP*4
LQFP*5
QFP*6
30
23
22
X0
A
Connecting pins to crystal oscillator circuit or other os-
cillator circuit. The X0 pin can connect to an external
clock. In that case, X1 is left open.
31
24
23
X1
28
21
20
MOD0
B
Input pins for memory access mode setting.
Connect directly to Vss.
29
22
21
MOD1
27
20
19
RST
C
Reset I/O pin. This pin has pull-up resistance with
CMOS I/O or hysteresis input. At an internal reset re-
quest, an ’L’ signal is output. An ’L’ level input initializes
the internal circuits.
56 to 49
49 to 42
48 to 41
P00 to P07
D
General purpose I/O ports.
48 to 41
41 to 34
40 to 33
P10 to P17
D
General purpose I/O ports.
40
33
32
P20/PWCK
E
General purpose I/O port.Resource I/O pin (hysteresis
input).Hysteresis input. This pin also functions as a
PWC input.
39
32
31
P21/
PPG01
D
General purpose I/O port.This pin also functions as the
PPG01 output.
38
31
30
P22/
PPG02
D
General purpose I/O port.This pin also functions as the
PPG02 output.
37
30
29
P23
D
General purpose I/O port.
36
29
28
P24
D
General purpose I/O port.
35
28
27
P25
D
General purpose I/O port.
34
27
26
P26
D
General purpose I/O port.
33
26
25
P27
D
General purpose I/O port.
58
51
50
P30/
PPG03/
MCO
D
General purpose I/O port.This pin also functions as the
PPG03 output.
59
52
51
P31/SCK1
(UCK1) /
LMCO
E
General purpose I/O port.Resource I/O pin (hysteresis
input).This pin also functions as the UART/SIO clock in-
put/output pin.
60
53
52
P32/SO1
(UO1)
D
General purpose I/O port.This pin also functions as the
UART/SIO serial data output pin.
61
54
53
P33/SI1
(UI1)
E
General purpose I/O port.Resource input/output pin
(hysteresis input).This pin also functions as the UART/
SIO serial data input pin.
62
55
54
P34/PTO2
D
General purpose I/O port.This pin also functions as the
PWM time 2 output pin.
63
56
55
P35/PWC
E
General purpose I/O port.Resource I/O pin (hysteresis
input).This pin also functions as a PWC input.


Similar Part No. - MB89P538PFM-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P538PFM-101 FUJITSU-MB89P538PFM-101 Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
More results

Similar Description - MB89P538PFM-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89530 FUJITSU-MB89530 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP92CA25FG TOSHIBA-TMP92CA25FG Datasheet
2Mb / 426P
   Original CMOS 32-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
TMP91C025FG TOSHIBA-TMP91C025FG Datasheet
1Mb / 260P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com