Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8853-29PI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FS8853-29PI
Description  300mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS8853-29PI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS8853-29PI Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8853-29PI Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8853-29PI Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8853-29PI Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8853-29PI Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8853-29PI Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8853-29PI Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8853-29PI Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8853-29PI Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FS8853
300mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
7/13
TD-0405006
Rev. 1.5
http://www.fsc.com.tw
FAX: +886-2-2809-4874
OUTPUT VOLTAGE vs. AMBIENT
TEMPERATURE
3.26
3.28
3.3
3.32
3.34
3.36
-40
-30
-20
-10
0
1020304050607080
AMBIENT TEMPERATURE (℃)
OUTPUT NOISE DC to 1MHz (37uVRMS)
GROUND PIN CURRENT vs. INPUT VOLTAGE
0
20
40
60
80
100
120
140
01
23456789
10
INPUT VOLTAGE (V)
OUTPUT NOISE to 1MHz (67uVRMS)
LINE TRANSIENT (IOUT=0mA)
LINE TRANSIENT (IOUT=10mA)
Iload
=0mA
Iload
=300mA
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT


Similar Part No. - FS8853-29PI

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8853-25GC FORTUNE-FS8853-25GC Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-25GI FORTUNE-FS8853-25GI Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-25GL FORTUNE-FS8853-25GL Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-28GC FORTUNE-FS8853-28GC Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8853-28GI FORTUNE-FS8853-28GI Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
More results

Similar Description - FS8853-29PI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com