Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOL1440L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOL1440L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1440L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOL1440L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1440L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1440L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1440L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1440L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
19
25
45
55
RθJC
1.5
2
mJ
W
37
°C
75
W
135
Drain-Source Voltage
V
±30
30
A
85
66
A
ID
200
Continuous Drain
Current
B,G,
Maximum
Units
Parameter
TC=25°C
G
TC=100°C
B
25
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
PD
Avalanche Current
C
TC=100°C
Junction and Storage Temperature Range
Repetitive avalanche energy L=0.3mH
C
Maximum Junction-to-Case
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Pulsed Drain Current
Gate-Source Voltage
Power Dissipation
A
TA=25°C
Power Dissipation
B
TC=25°C
Continuous Drain
Current
G
TA=25°C
Maximum Junction-to-Ambient
A
Steady-State
°C/W
PDSM
5
TA=70°C
3
-55 to 175
IDSM
25
A
TA=70°C
20
AOL1440
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 25V
ID = 75A (VGS = 10V)
RDS(ON) < 3.2mΩ (VGS = 20V)
RDS(ON) < 4.0mW (VGS = 10V)
RDS(ON) < 5.2mW (VGS = 12V)
UIS Tested
Rg,Ciss,Coss,Crss Tested
General Description
The AOL1440 uses advanced trench technology to
provide excellent RDS(ON), shoot-through immunity
and body diode characteristics. This device is ideally
suited for use as a low side switch in CPU core
power conversion.Standard Product AOL1440 is
Pb-free (meets ROHS & Sony 259 specifications).
AOL1440L is a Green Product ordering option.
AOL1440 and AOL1440L are electrically identical.
G
D
S
Ultra
SO-8
TM Top View
Bottom tab
connected to
drain
Fits SOIC8
footprint !
S
G
D
Features
VDS (V) = 25V
ID = 75A (VGS = 10V)
RDS(ON) < 3.2mΩ (VGS = 20V)
RDS(ON) < 4.0mΩ (VGS = 12V)
RDS(ON) < 5.2mΩ (VGS = 10V)
UIS Tested
Rg,Ciss,Coss,Crss Tested
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOL1440L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1442 AOSMD-AOL1442 Datasheet
164Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1444 AOSMD-AOL1444 Datasheet
151Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1444 AOSMD-AOL1444 Datasheet
214Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1444L AOSMD-AOL1444L Datasheet
151Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AOL1444 AOSMD-AOL1444_08 Datasheet
214Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOL1440L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com