Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89538HC Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89538HC
Description  8-bit Original Microcontroller CMOS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89538HC Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89538HC Datasheet HTML 1Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 2Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 3Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 4Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 5Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 6Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 7Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 8Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
MB89530H Series
3
s
s
s
s PRODUCT LINEUP
(Continued)
Part number
Parameter
MB89537H/537HC
MB89538H/538HC
MB89P538
MB89PV530
Type
Mass produced (Mask ROM)
One-time
programmable
Evaluation
ROM capacity
32 K
× 8-bit
(built-in ROM)
48 K
× 8-bit
(built-in ROM)
48 K
× 8-bit
(built-in ROM)
(write from general
purpose ERPOM writer)
48 K
× 8-bit
(external ROM) *2
RAM capacity
1 K
× 8-bit
2 K
× 8-bit
Operating voltage
3.5 V to 5.5 V*1
(MB89537H/538H/537HC/538HC)
2.7 V to 5.5 V
CPU functions
Basic instructions
: 136
Instruction bit length
: 8-bits
Instruction length
: 1 bit to 3 bits
Data bit length
: 1, 8, 16-bits
Minimum instruction execution time : 0.32
µs / 12.5 MHz
Minimum interrupt processing time : 2.88
µs / 12.5 MHz
Ports
Input ports
: 5 (4 also usable as interrupts, 2 for sub clock)
Output-only ports (N-ch open drain)
: 8 (8 also usable as ADC input)
I/O ports (N-ch open drain)
: 2 (2 also usable as SO2/SDA or SI2/SCL)
I/O ports (CMOS)
: 38 (21 have no other function)
Total
: 53
Time base timer
21 bits
Interrupt periods at main clock oscillation frequency of 12.5 MHz
(approx. 0.655 ms, 2.621 ms, 20.97 ms, 335.5 ms)
Watchdog timer
Reset period of approx. 167.8 ms to 335.6 ms at mail clock frequency of 12.5 MHz
Reset period of approx. 500 ms to 1000 ms at sub clock frequency of 32.768 kHz.
PWM timer
8-bit interval timer operation*3
(supports square wave output, operating clock period : 1, 8, 16, 64 tinst*3)
Pulse width measurement with 8-bit resolution (conversion period : 28 tinst*3 to 28
× 64 tinst*3)
2 channels (can also be used as interval timer, can also be used as ch1 output and ch2
count clock)
Clock prescaler
Interval times at 17-bit sub clock base frequency of 32.768 kHz
(approx. 31.25 ms, 0.25 s, 0.50 s, 1.00 s, 2.00 s, 4.00 s)


Similar Part No. - MB89538HC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89538 FUJITSU-MB89538 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
MB89538A FUJITSU-MB89538A Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89538AC FUJITSU-MB89538AC Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89538ACP FUJITSU-MB89538ACP Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89538ACPF FUJITSU-MB89538ACPF Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
More results

Similar Description - MB89538HC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89530 FUJITSU-MB89530 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP92CA25FG TOSHIBA-TMP92CA25FG Datasheet
2Mb / 426P
   Original CMOS 32-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
TMP91C025FG TOSHIBA-TMP91C025FG Datasheet
1Mb / 260P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com