Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72MS01GPF0HF04V2 Datasheet(PDF) 7 Page - SPANSION

Part # S72MS01GPF0HF04V2
Description  based MCP/PoP Products
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72MS01GPF0HF04V2 Datasheet(HTML) 7 Page - SPANSION

Back Button S72MS01GPF0HF04V2 Datasheet HTML 2Page - SPANSION S72MS01GPF0HF04V2 Datasheet HTML 3Page - SPANSION S72MS01GPF0HF04V2 Datasheet HTML 4Page - SPANSION S72MS01GPF0HF04V2 Datasheet HTML 5Page - SPANSION S72MS01GPF0HF04V2 Datasheet HTML 6Page - SPANSION S72MS01GPF0HF04V2 Datasheet HTML 7Page - SPANSION S72MS01GPF0HF04V2 Datasheet HTML 8Page - SPANSION S72MS01GPF0HF04V2 Datasheet HTML 9Page - SPANSION S72MS01GPF0HF04V2 Datasheet HTML 10Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
September 14, 2006 S72MS-P_00_01
S72MS-P based MCP/PoP Products
5
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
4.
Ordering Information
The order number is formed by a valid combinations of the following:
S72MS
512
P
F0
HF
0
4
V
0
PACKING TYPE
0 = Tray
2 = 7” Tape and Reel
3 = 13” Tape and Reel
MODEL NUMBER 2
V = 104 MHz DRAM Speed, x8 MS-P (ECC required)
MODEL NUMBER 1
4 = x16 SDR DRAM Type 5
PACKAGE DESCRIPTOR
Depends on Character 12. For a more detailed description see Table 4.1.
PACKAGE TYPE & MATERIAL SET
HF = 1.2 mm MCP FBGA, Pb-free
DRAM DENSITY
F0 = 512 Mb DRAM
E0 = 256 Mb DRAM
PROCESS TECHNOLOGY
P = 90 nm, MirrorBitTM Technology
ORNAND FLASH DENSITY
01G = 1024 Mb
512 = 512 Mb
PRODUCT FAMILY
S72MS Stacked Products (MCP/PoP)
1.8 V ORNAND Flash on Bus 1 with Mobile DRAM on Bus 2
Table 4.1 Character Position Descriptions (Sheet 1 of 2)
Character 12
Character 13
Character 14 Description
Package Area
Package Ball Count
Raw Ball Size
H, J, or G
07x9 mm
56
0.35 mm
17x9 mm
80
2
8x11.6 mm
64
3
8x11.6 mm
84
4
9x12 mm
84
5
9x12 mm
115
6
9x12 mm
137
7
11x13 mm
84
8
11x13 mm
115
9
11x13 mm
137


Similar Part No. - S72MS01GPF0HF04V2

ManufacturerPart #DatasheetDescription
logo
Heyco.
S7200 HEYCO-S7200 Datasheet
145Kb / 1P
   Preassembled Cordset Components
logo
Satco Products, Inc.
S7201 SATCO-S7201 Datasheet
131Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7202 SATCO-S7202 Datasheet
131Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7204 SATCO-S7204 Datasheet
131Kb / 1P
   15 watt; PAR30 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7205 SATCO-S7205 Datasheet
131Kb / 1P
   15 watt; PAR30 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
More results

Similar Description - S72MS01GPF0HF04V2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com