Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL2815DZHB Datasheet(PDF) 2 Page - International Rectifier

Part # AFL2815DZHB
Description  270V Input, Single Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2815DZHB Datasheet(HTML) 2 Page - International Rectifier

  AFL2815DZHB Datasheet HTML 1Page - International Rectifier AFL2815DZHB Datasheet HTML 2Page - International Rectifier AFL2815DZHB Datasheet HTML 3Page - International Rectifier AFL2815DZHB Datasheet HTML 4Page - International Rectifier AFL2815DZHB Datasheet HTML 5Page - International Rectifier AFL2815DZHB Datasheet HTML 6Page - International Rectifier AFL2815DZHB Datasheet HTML 7Page - International Rectifier AFL2815DZHB Datasheet HTML 8Page - International Rectifier AFL2815DZHB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.irf.com
AFL270XXS Series
For Notes to Specifications, refer to page 4
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 500V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating
-55°C to +125°C
Storage
-65°C to +135°C
Static Characteristics -55°C
≤ T
CASE ≤ +125°C, 160 VIN 400 unless otherwise specified.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
160
270
400
V
OUTPUT VOLTAGE
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
1
1
1
1
1
1
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
VIN = 270 Volts, 100% Load
4.95
5.94
8.91
11.88
14.85
27.72
4.90
5.88
8.82
11.76
14.70
27.44
5.00
6.00
9.00
12.00
15.00
28.00
5.05
6.06
9.09
12.12
15.15
28.28
5.10
6.12
9.18
12.24
15.30
28.56
V
V
V
V
V
V
V
V
V
V
V
V
OUTPUT CURRENT
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
VIN = 160, 270, 400 Volts - Note 6
16.0
13.5
10.0
9.0
8.0
4.0
A
A
A
A
A
A
OUTPUT POWER
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
Note 6
80
81
90
108
120
112
W
W
W
W
W
W
MAXIMUM CAPACITIVE LOAD
Note 1
10,000
µfd
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 270 Volts, 100% Load - Note 1, 6 -0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
AFL27028S
Line
All Others
Line
Load
1, 2, 3
1, 2, 3
1, 2, 3
No Load, 50% Load, 100% Load
VIN = 160, 270, 400 Volts
-70.0
-10.0
-1.0
+70.0
+10.0
+1.0
mV
mV
%
OUTPUT RIPPLE VOLTAGE
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 160, 270, 400 Volts, 100% Load,
BW = 10MHz
30
35
40
45
50
100
mVpp
mVpp
mVpp
mVpp
mVpp
mVpp
Specifications


Similar Part No. - AFL2815DZHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2815DZHB IRF-AFL2815DZHB Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2815DZHB IRF-AFL2815DZHB Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2815DZHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
logo
Texas Instruments
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
logo
International Rectifier
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
logo
Texas Instruments
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
International Rectifier
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
   70V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com