Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD016G0JQAA210 Datasheet(PDF) 4 Page - SPANSION

Part # S29CD016G0JQAA210
Description  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD016G0JQAA210 Datasheet(HTML) 4 Page - SPANSION

  S29CD016G0JQAA210 Datasheet HTML 1Page - SPANSION S29CD016G0JQAA210 Datasheet HTML 2Page - SPANSION S29CD016G0JQAA210 Datasheet HTML 3Page - SPANSION S29CD016G0JQAA210 Datasheet HTML 4Page - SPANSION S29CD016G0JQAA210 Datasheet HTML 5Page - SPANSION S29CD016G0JQAA210 Datasheet HTML 6Page - SPANSION S29CD016G0JQAA210 Datasheet HTML 7Page - SPANSION S29CD016G0JQAA210 Datasheet HTML 8Page - SPANSION S29CD016G0JQAA210 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
2S29CD-G Flash Family
S29CD-G_00_B0 November 14, 2005
Prel imi n ary
General Description
The S29CD-G Flash Family is a burst mode, Dual Boot, Simultaneous Read/Write family of Flash
Memory with VersatileI/O™ manufactured on 170 nm Process Technology.
The S29CD032G is a 32 Megabit, 2.6 Volt-only (2.50 V - 2.75 V) single power supply burst mode
flash memory device that can be configured for 1,048,576 double words.
The S29CD016G is a 16 Megabit, 2.6 Volt-only (2.50 V - 2.75 V) single power supply burst mode
flash memory device that can be configured for 524,288 double words.
To eliminate bus contention, each device has separate chip enable (CE#), write enable (WE#) and
output enable (OE#) controls. Additional control inputs are required for synchronous burst oper-
ations: Load Burst Address Valid (ADV#), and Clock (CLK).
Each device requires only a single 2.6 Volt-only (2.50 V – 2.75 V) for both read and write func-
tions. A 12.0-volt VPP is not required for program or erase operations, although an acceleration
pin is available if faster programming performance is required.
The device is entirely command set compatible with the JEDEC single-power-supply Flash stan-
dard. The software command set is compatible with the command sets of the 5 V Am29F or
MBM29F and 3 V Am29LV or MBM29LV Flash families. Commands are written to the command
register using standard microprocessor write timing. Register contents serve as inputs to an in-
ternal state-machine that controls the erase and programming circuitry. Write cycles also
internally latch addresses and data needed for the programming and erase operations. Reading
data out of the device is similar to reading from other Flash or EPROM devices.
The Unlock Bypass mode facilitates faster programming times by requiring only two write cycles
to program data instead of four.
The Simultaneous Read/Write architecture provides simultaneous operation by dividing the
memory space into two banks. The device can begin programming or erasing in one bank, and
then simultaneously read from the other bank, with zero latency. This releases the system from
waiting for the completion of program or erase operations. See Simultaneous Read/Write Opera-
tions Overview.
The device provides a 256-byte Secured Silicon Sector that contains Electronic Marking Infor-
mation for easy device traceability.
In addition, the device features several levels of sector protection, which can disable both the pro-
gram and erase operations in certain sectors or sector groups: Persistent Sector Protection is
a command sector protection method that replaces the old 12 V controlled protection method;
Password Sector Protection is a highly sophisticated protection method that requires a pass-
word before changes to certain sectors or sector groups are permitted; WP# Hardware
Protection prevents program or erase in the two outermost 8 Kbytes sectors of the larger bank.
The device defaults to the Persistent Sector Protection mode. The customer must then choose if
the Standard or Password Protection method is most desirable. The WP# Hardware Protection
feature is always available, independent of the other protection method chosen.
The VersatileI/O™ (VCCQ) feature allows the output voltage generated on the device to be de-
termined based on the VIO level. This feature allows this device to operate in the 1.8 V I/O
environment, driving and receiving signals to and from other 1.8 V devices on the same bus.
The host system can detect whether a program or erase operation is complete by observing the
RY/BY# pin, by reading the DQ7 (Data# Polling), or DQ6 (toggle) status bits. After a program
or erase cycle is completed, the device is ready to read array data or accept another command.
The sector erase architecture allows memory sectors to be erased and reprogrammed without
affecting the data contents of other sectors. The device is fully erased when shipped from the
factory.


Similar Part No. - S29CD016G0JQAA210

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G0JQAI000 SPANSION-S29CD016G0JQAI000 Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016G0JQAI001 SPANSION-S29CD016G0JQAI001 Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016G0JQAI002 SPANSION-S29CD016G0JQAI002 Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016G0JQAI003 SPANSION-S29CD016G0JQAI003 Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016G0JQAI010 SPANSION-S29CD016G0JQAI010 Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29CD016G0JQAA210

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com