Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS256JB0BAWAY0 Datasheet(PDF) 5 Page - SPANSION

Part # S71WS256JB0BAWAY0
Description  Stacked Multi-Chip Product (MCP)
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JB0BAWAY0 Datasheet(HTML) 5 Page - SPANSION

  S71WS256JB0BAWAY0 Datasheet HTML 1Page - SPANSION S71WS256JB0BAWAY0 Datasheet HTML 2Page - SPANSION S71WS256JB0BAWAY0 Datasheet HTML 3Page - SPANSION S71WS256JB0BAWAY0 Datasheet HTML 4Page - SPANSION S71WS256JB0BAWAY0 Datasheet HTML 5Page - SPANSION S71WS256JB0BAWAY0 Datasheet HTML 6Page - SPANSION S71WS256JB0BAWAY0 Datasheet HTML 7Page - SPANSION S71WS256JB0BAWAY0 Datasheet HTML 8Page - SPANSION S71WS256JB0BAWAY0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
3
Prel imin ar y
S71WS-J Based MCPs
Notice On Data Sheet Designations . . . . . . . . . . . ii
Advance Information .......................................................................................ii
Preliminary ..........................................................................................................ii
Combination .......................................................................................................ii
Full Production (No Designation on Document) ...................................ii
MCP Features ........................................................................................................ 1
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 2
MCP Block Diagram .............................................................................................6
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . 7
Lookahead Connection Diagram . . . . . . . . . . . . 10
Input/Output Descriptions . . . . . . . . . . . . . . . . . . . 11
Ordering Information . . . . . . . . . . . . . . . . . . . . . . 12
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . . 14
TLA084—84-ball Fine-Pitch Ball Grid Array (FBGA)
8 x 11.6 mm Package ........................................................................................... 14
FTA084—84-ball Fine-Pitch Ball Grid Array
(FBGA) 8 x 11.6 mm Package ............................................................................15
TLC080—80-ball Fine-Pitch Ball Grid Array
(FBGA) 7 x 9 mm Package ............................................................................... 16
TSC080 - Fine-Pitch Ball Grid Array (FBGA) 7 x 9 mm Package .........17
S29WS128/064J
General Description . . . . . . . . . . . . . . . . . . . . . . . .20
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 22
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Block Diagram of Simultaneous
Operation Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Input/Output Descriptions . . . . . . . . . . . . . . . . . . .24
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . 25
7DEOH  'HYLFH %XV 2SHUDWLRQV  
VersatileIO™ (VIO) Control .............................................................................25
Requirements for Asynchronous Read Operation (Non-Burst) ..........25
Requirements for Synchronous (Burst) Read Operation ...................... 26
8-, 16-, and 32-Word Linear Burst with Wrap Around ......................27
7DEOH  %XUVW $GGUHVV *URXSV  
Configuration Register ......................................................................................27
Handshaking ..........................................................................................................27
Simultaneous Read/Write Operations with Zero Latency ................... 28
Writing Commands/Command Sequences ................................................ 28
Accelerated Program Operation .................................................................. 28
Autoselect Mode ................................................................................................ 29
7DEOH  $XWRVHOHFW &RGHV +LJK 9ROWDJH 0HWKRG  
Sector/Sector Block Protection and Unprotection ................................. 30
7DEOH  6:6-B0&3 %RRW6HFWRU6HFWRU
%ORFN $GGUHVVHV IRU 3URWHFWLRQ8QSURWHFWLRQ  
7DEOH  6:6-%RRW6HFWRU6HFWRU %ORFN$GGUHVVHV IRU
3URWHFWLRQ8QSURWHFWLRQ  
Sector Protection ...........................................................................................34
Persistent Sector Protection ...........................................................................34
Persistent Protection Bit (PPB) ..................................................................35
Persistent Protection Bit Lock (PPB Lock) .............................................35
Dynamic Protection Bit (DYB) ...................................................................35
7DEOH  6HFWRU 3URWHFWLRQ 6FKHPHV  
Persistent Sector Protection Mode Locking Bit ........................................37
Password Protection Mode .............................................................................37
Password and Password Mode Locking Bit ................................................37
64-bit Password ...................................................................................................38
Persistent Protection Bit Lock ....................................................................... 38
Standby Mode ...................................................................................................... 39
Automatic Sleep Mode ..................................................................................... 39
RESET#: Hardware Reset Input ................................................................ 39
Output Disable Mode ...................................................................................40
)LJXUH  7HPSRUDU\ 6HFWRU 8QSURWHFW 2SHUDWLRQ  
)LJXUH  ,Q6\VWHP 6HFWRU 3URWHFWLRQ6HFWRU 8QSURWHFWLRQ
$OJRULWKPV 
7DEOH  6HFXUHG 6LOLFRQ 6HFWRU$GGUHVVHV  
Secured Silicon Sector Protection Bit ...................................................... 43
Hardware Data Protection ......................................................................... 43
Write Protect (WP#) .......................................................................................44
Low VCC Write Inhibit .................................................................................44
Write Pulse “Glitch” Protection ...............................................................44
Logical Inhibit ...................................................................................................44
Power-Up Write Inhibit ...............................................................................44
Common Flash Memory Interface (CFI) . . . . . . . 45
7DEOH  &), 4XHU\ ,GHQWLILFDWLRQ 6WULQJ  
7DEOH  6\VWHP ,QWHUIDFH 6WULQJ  
7DEOH  'HYLFH *HRPHWU\ 'HILQLWLRQ 
7DEOH  3ULPDU\ 9HQGRU6SHFLILF ([WHQGHG 4XHU\  
7DEOH:6-6HFWRU $GGUHVV 7DEOH  
7DEOH:6-6HFWRU $GGUHVV 7DEOH  
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 62
Reading Array Data ........................................................................................... 62
Set Configuration Register Command Sequence ..................................... 62
)LJXUH  6\QFKURQRXV$V\QFKURQRXV 6WDWH 'LDJUDP 
Read Mode Setting ......................................................................................... 63
Programmable Wait State Configuration ............................................... 63
7DEOH  3URJUDPPDEOH :DLW 6WDWH 6HWWLQJV  
Standard wait-state Handshaking Option ...............................................64
7DEOH :DLW6WDWHV IRU 6WDQGDUG ZDLWVWDWH+DQGVKDNLQJ  
Read Mode Configuration ........................................................................... 64
7DEOH  5HDG 0RGH 6HWWLQJV  
Burst Active Clock Edge Configuration .................................................. 65
RDY Configuration ........................................................................................ 65
7DEOH  &RQILJXUDWLRQ 5HJLVWHU  
Reset Command .................................................................................................66
Autoselect Command Sequence .................................................................... 67
Enter/Exit Secured Silicon Sector Command Sequence ......................... 67
Program Command Sequence ........................................................................68
Unlock Bypass Command Sequence ........................................................68
)LJXUH  3URJUDP 2SHUDWLRQ  
Chip Erase Command Sequence ...................................................................69
Sector Erase Command Sequence ................................................................70
Erase Suspend/Erase Resume Commands ................................................... 71
)LJXUH  (UDVH 2SHUDWLRQ  
Password Program Command ....................................................................... 72
Password Verify Command ............................................................................. 73
Password Protection Mode Locking Bit Program Command .............. 73
Persistent Sector Protection Mode Locking Bit
Program Command ........................................................................................... 73
Secured Silicon Sector Protection Bit Program Command .................. 73
PPB Lock Bit Set Command ............................................................................ 74
DPB Write/Erase/Status Command ............................................................. 74
Password Unlock Command .......................................................................... 74
PPB Program Command .................................................................................. 75
All PPB Erase Command .................................................................................. 75
PPB Status Command ....................................................................................... 75
PPB Lock Bit Status Command ...................................................................... 75
Command Definitions ....................................................................................... 76
7DEOH  &RPPDQG 'HILQLWLRQV  


Similar Part No. - S71WS256JB0BAWAY0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS256N SPANSION-S71WS256N Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256NB0BAWAJ0 SPANSION-S71WS256NB0BAWAJ0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS256NB0BAWAJ2 SPANSION-S71WS256NB0BAWAJ2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS256NB0BAWAJ3 SPANSION-S71WS256NB0BAWAJ3 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS256NB0BAWAK0 SPANSION-S71WS256NB0BAWAK0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS256JB0BAWAY0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com