Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82572EI Datasheet(PDF) 3 Page - Intel Corporation

Part # 82572EI
Description  Gigabit Ethernet Controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82572EI Datasheet(HTML) 3 Page - Intel Corporation

  82572EI Datasheet HTML 1Page - Intel Corporation 82572EI Datasheet HTML 2Page - Intel Corporation 82572EI Datasheet HTML 3Page - Intel Corporation 82572EI Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Additional Device Features
Dual Integrated SerDes
Supports backplane and fiber optic applications
Four outputs on each port that directly drive LEDs
Software-definable function (speed, link, activity) and blinking allow flexible LED
with programmable LED functionality
signaling implementations
Internal phase-locked loop (PLL) for clock generation
Lower component count and reduced system cost
can use 25-MHz crystal
JTAG (IEEE 1149.1*) test access port built-in silicon
Simplified testing using boundary scan
Loop-back capability
Built-in tests for silicon integrity
Characteristics
Electrical
PCI Express signaling
3.3 V
Typical targeted power dissipation (in active link state)
2.8 W @ D0 1000 Mbps
730 mW @ D3 100 Mbps (wakeup enabled)
350 mW @ D3 wakeup disabled
Environmental
Operating temperature
1000BASE-T, 0° to 70° C (with thermal management)
1000BASE-SX/LX (or SerDes backplane), 0° to 70° C
Storage temperature
– 65° C to 140° C
Physical
Implemented in 90nm complementary metal-oxide
Offers lowest geometry to minimize power and size while maintaining quality and reliability
semiconductor (CMOS) process
Package
Lead-free
1 256-pin Flip-Chip Ball Grid Array (FC-BGA) package
High-Performance Design Features
The Intel 82571EB Gigabit Ethernet Controller for PCI Express is
designed for high performance and low memory latency. The device
is optimized to connect to a system Memory Control Hub (MCH)
using up to four PCI Express lanes. Alternatively, the controller can
connect to an Input/Output (I/O) Control Hub (ICH) that has a PCI
Express interface. Wide internal data paths eliminate performance
bottlenecks by efficiently handling large address and data words.
Combining a parallel and pipelined logic architecture optimized for
Gigabit Ethernet and for independent transmit and receive queues,
the controller efficiently handles packets with minimum latency.
The controller includes advanced interrupt-handling features
and uses efficient ring-buffer descriptor data structures, with
up to 64 packet descriptors cached on chip. A large 48 KByte
per port on-chip packet buffer maintains superior performance.
In addition, using hardware acceleration, the controller offloads
tasks from the host, such as checksum calculations for
transmission control protocol (TCP), user datagram protocol
(UDP), and Internet protocol (IP); header and data splitting;
and TCP segmentation.
The Intel 82571EB Gigabit Ethernet Controller package is a
17 mm x 17 mm, 256-ball grid array.
Order Codes
82571EB
HL82571EB
82571EB lead-free1
JL82571EB


Similar Part No. - 82572EI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82572EI INTEL-82572EI Datasheet
156Kb / 4P
   High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
More results

Similar Description - 82572EI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82545EM INTEL-82545EM Datasheet
774Kb / 28P
   Gigabit Ethernet Controller
June 6, 2006
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
   Gigabit Ethernet Controller
logo
Intel Corporation
82544EI INTEL-82544EI Datasheet
368Kb / 52P
   Gigabit Ethernet Controller
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
   Gigabit Ethernet Controller
logo
LSI Computer Systems
8101 LSI-8101 Datasheet
1Mb / 172P
   Gigabit Ethernet Controller
logo
Realtek Semiconductor C...
RTL8111E-VL-CG REALTEK-RTL8111E-VL-CG Datasheet
593Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
logo
Intel Corporation
82541ER INTEL-82541ER Datasheet
327Kb / 48P
   82541ER Gigabit Ethernet Controller
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
logo
Intel Corporation
82540EM INTEL-82540EM Datasheet
304Kb / 44P
   82540EM Gigabit Ethernet Controller
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
   DUAL GIGABIT ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com