Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCR83A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCR83A
Description  DIRECT RAMBUS CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCR83A Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCR83A Datasheet HTML 2Page - Texas Instruments CDCR83A Datasheet HTML 3Page - Texas Instruments CDCR83A Datasheet HTML 4Page - Texas Instruments CDCR83A Datasheet HTML 5Page - Texas Instruments CDCR83A Datasheet HTML 6Page - Texas Instruments CDCR83A Datasheet HTML 7Page - Texas Instruments CDCR83A Datasheet HTML 8Page - Texas Instruments CDCR83A Datasheet HTML 9Page - Texas Instruments CDCR83A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
CDCR83A
SCAS811 – AUGUST 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2)
MAX
UNIT
VO(STOP)
Output voltage during CLK Stop (STOPB = 0)
See Figure 1
1.1
2
VO(X)
Output crossing-point voltage
See Figure 1 and Figure 6
1.3
1.8
V
VO
Output voltage swing
See Figure 1
0.4
0.6
V
VIK
Input clamp voltage
VDD = 3.135 V,
II = –18 mA
–1.2
V
See Figure 1
2
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD– 0.1
V
VDD = 3.135 V,
IOH = –16 mA
2.4
See Figure 1
1
VOL
Low-level output voltage
VDD = min to max,
IOH = 1 mA
0.1
V
VDD = 3.135 V,
IOH = 16 mA
0.5
VDD = 3.135 V,
VO = 1 V
–32
–52
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–51
mA
VDD = 3.465 V,
VO = 3.135 V
–14.5
–21
VDD = 3.135 V,
VO = 1.95 V
43
61.5
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
65
mA
VDD = 3.465 V,
VO = 0.4 V
25.5
36
IOZ
High-impedance-state output current
S0 = 0, S1 = 1
±10
µA
IOZ(STOP)
High-impedance-state output current during
Stop = 0, VO = GND or VDD
±100
µA
CLK stop
High-impedance-state output current in
IOZ(PD)
PWRDNB = 0, VO = GND or VDD
–10
100
µA
power-down state
REFCLK, PCLKM,
10
SYNCLKN, STOPB
High-level input
IIH
VDD = 3.465 V,
VI = VDD
µA
current
PWRDNB, S0, S1,
10
S2, MULT0, MULT1
REFCLK, PCLKM,
–10
SYNCLKN, STOPB
Low-level input
IIL
VDD = 3.465 V,
VI = 0
µA
current
PWRDNB, S0, S1,
–10
S2, MULT0, MULT1
High state
RI at IO– 14.5 mA to –16.5 mA
15
35
50
ZO
Output impedance
Low state
RI at IO 14.5 mA to 16.5 mA
11
17
35
PWRDNB = 0
50
µA
Reference current
VDDIR, VDDIPD
VDD = 3.465 V
PWRDNB = 1
0.5
mA
CI
Input capacitance
VI = VDD or GND
2
pF
CO
Output capacitance
VO = VDD or GND
3
pF
IDD(PD)
Supply current in pwoer-down state
REFCLK = 0 MHz to 100 MHz,
100
µA
PWDNB = 0, STOPB = 1
IDD(CLKSTOP) Supply current in CLK stop state
BUSCLK configured for 400 MHz
30
mA
IDD(NORMAL)
Supply current in normal state
BUSCLK = 400 MHz
70
mA
(1)
VDD refers to any of the following; VDD, VDDIPD, VDDIR, VDDO, VDDC, and VDDP
(2)
All typical values are at VDD = 3.3 V, TA = 25°C.
6


Similar Part No. - CDCR83A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCR83A TI1-CDCR83A Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
CDCR83ADBQ TI1-CDCR83ADBQ Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
CDCR83ADBQG4 TI1-CDCR83ADBQG4 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
CDCR83ADBQR TI1-CDCR83ADBQR Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
CDCR83ADBQRG4 TI1-CDCR83ADBQRG4 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
More results

Similar Description - CDCR83A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com