Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N139-X007 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6N139-X007
Description  High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N139-X007 Datasheet(HTML) 1 Page - Vishay Siliconix

  6N139-X007 Datasheet HTML 1Page - Vishay Siliconix 6N139-X007 Datasheet HTML 2Page - Vishay Siliconix 6N139-X007 Datasheet HTML 3Page - Vishay Siliconix 6N139-X007 Datasheet HTML 4Page - Vishay Siliconix 6N139-X007 Datasheet HTML 5Page - Vishay Siliconix 6N139-X007 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6N138, 6N139
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Jan-15
1
Document Number: 83605
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Speed Optocoupler, 100 kBd, Low Input Current,
Photodiode Darlington Output
DESCRIPTION
High common mode transient immunity and very high
current ratio together with 5300 VRMS insulation are
achieved by coupling and LED with an integrated high gain
photo detector in an eight pin dual-in-line package.
Separate pins for the photo diode and output stage enable
TTL compatible saturation voltages with high speed
operation.
Access to the base terminal allows adjustment to the gain
bandwidth.
The 6N138 is ideal for TTL applications since the 300 %
minimum current transfer ratio with an LED current of
1.6 mA enables operation with one unit load-in and one unit
load-out with a 2.2 k
Ω pull-up resistor.
The 6N139 is best suited for low power logic applications
involving CMOS and low power TTL. A 400 % current
transfer ratio with only 0.5 mA of LED current is guaranteed
from 0 °C to 70 °C.
Caution: Due to the small geometries of this device, it should be
handled with Electrostatic Discharge (ESD) precautions. Proper
grounding would prevent damage further and/or degradation which
may be induced by ESD.
FEATURES
• High current transfer ratio, 300 %
• Low input current, 0.5 mA
• High output current, 60 mA
• Isolation test voltage, 5300 VRMS
• TTL compatible output, VOL = 0.1 V
• High common mode rejection, 500 V/μs
• Adjustable bandwidth-access to base
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Microprocessor system interface
• PLC, ATE input / output isolation
• EIA RS232 line receiver
• TTL, CMOS voltage level translation
• Multiplexed data transmission
• Digital control power supply
• Ground loop and electrical noise elimination
AGENCY APPROVALS
• UL1577, file no. E52744, double protection
• DIN EN 60747-5-5 available with option 1
Note
• For additional information on the available options refer to option information.
1
2
3
4
8
7
6
5
V
CC
V
B
V
O
GND
NC
A
C
NC
ORDERING INFORMATION
6
N
13#
-
X
0##
T
PART NUMBER
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
1.6 mA
UL
> 300
> 500
DIP-8
6N138
6N139, 6N139-X001
SMD-8, option 7
6N138-X007T
6N139-X007, 6N139-X007T
SMD-8, option 9
6N138-X009T
6N139-X009, 6N139-X009T
VDE
> 300
> 500
SMD-8, option 7
-
6N139-X017T
SMD-8, option 9
-
6N139-X019T
> 0.1 mm
> 0.7 mm
7.62 mm
DIP
Option 7
Option 9


Similar Part No. - 6N139-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N139-X007 VISHAY-6N139-X007 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
6N139-X007 VISHAY-6N139-X007 Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
6N139-X007 VISHAY-6N139-X007 Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
6N139-X007T VISHAY-6N139-X007T Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
6N139-X007T VISHAY-6N139-X007T Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
More results

Similar Description - 6N139-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
6N138 VISHAY-6N138_08 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 2.0, 14-Jul-15
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.5, 26-Oct-04
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com