Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71NS032JA0BJWRT3 Datasheet(PDF) 6 Page - SPANSION

Part # S71NS032JA0BJWRT3
Description  Stacked Multi-Chip Product (MCP)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS032JA0BJWRT3 Datasheet(HTML) 6 Page - SPANSION

  S71NS032JA0BJWRT3 Datasheet HTML 1Page - SPANSION S71NS032JA0BJWRT3 Datasheet HTML 2Page - SPANSION S71NS032JA0BJWRT3 Datasheet HTML 3Page - SPANSION S71NS032JA0BJWRT3 Datasheet HTML 4Page - SPANSION S71NS032JA0BJWRT3 Datasheet HTML 5Page - SPANSION S71NS032JA0BJWRT3 Datasheet HTML 6Page - SPANSION S71NS032JA0BJWRT3 Datasheet HTML 7Page - SPANSION S71NS032JA0BJWRT3 Datasheet HTML 8Page - SPANSION S71NS032JA0BJWRT3 Datasheet HTML 9Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4S71NS-J
S71NS-J_00_03 October 10, 2006
Data
Sheet
(Adv ance
I nf or mation)
3.
Input/Output Descriptions
Signal
Description
Flash
RAM
R-UB#
pSRAM Upper Byte Control
X
R-LB#
pSRAM Lower Byte Control
X
A21–A16
Address Inputs
XX
ADQ15–ADQ0
Multiplexed Address/Data input/output
X
X
R-CE#
pSRAM Chip Select Input
X
F-CE#
Flash Chip Enable Input. Asynchronous relative to CLK for the Burst mode.
X
OE#
Output Enable Input. Asynchronous relative to CLK for the Burst mode.
X
X
WE#
Write Enable Input.
XX
VCC
Device Power Supply (1.7 V–1.95 V).
X
X
VSS
Ground
XX
NC
No Connect; not connected internally
X
X
RDY
Ready output; indicates the status of the Burst read. VOL= data invalid. WAIT# pin of pSRAM is
shared with Flash RDY pin for synchronous pSRAM.
XX
CLK
Clock input. The first rising edge of CLK in conjunction with AVD# low latches address input and
activates burst mode operation. After the initial word is output, subsequent rising edges of CLK
increment the internal address counter. CLK should remain low during asynchronous access.
CLK is present on MuxpSRAM Type 3, but not on MuxpSRAM Type 2. As a result, it is a shared
signal on S71NS064JA0, but a flash-only signal on S71NS032J.
XX
AVD#
Address Valid input. Indicates to device that the valid address is present on the address inputs
(address bits A15–A0 are multiplexed, address bits A22–A16 are address only).
VIL = for asynchronous mode, indicates valid address; for burst mode, causes starting address to
be latched on rising edge of CLK.
VIH= device ignores address inputs
XX
F-RST#
Hardware reset input. VIL= device resets and returns to reading array data
X
F-ACC
At 12 V, accelerates programming; automatically places device in unlock bypass mode. At VIL,
disables program and erase functions. Should be at VIH for all other conditions.
X
R-CRE
Command Register Enable of pSRAM
X
VCCQ
I/O Power Supply (1.7 V to 1.95 V)
X
X
VSSQ
I/O Ground
XX


Similar Part No. - S71NS032JA0BJWRT3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS064NA0 SPANSION-S71NS064NA0 Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS064NA0BJWRN0 SPANSION-S71NS064NA0BJWRN0 Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS064NA0BJWRN2 SPANSION-S71NS064NA0BJWRN2 Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS064NA0BJWRN3 SPANSION-S71NS064NA0BJWRN3 Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS064NA0BJWRT0 SPANSION-S71NS064NA0BJWRT0 Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
More results

Similar Description - S71NS032JA0BJWRT3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com