Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5B32 Datasheet(PDF) 2 Page - Analog Devices

Part # 5B32
Description  Single-Channel Signal Conditioning Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B32 Datasheet(HTML) 2 Page - Analog Devices

  5B32 Datasheet HTML 1Page - Analog Devices 5B32 Datasheet HTML 2Page - Analog Devices 5B32 Datasheet HTML 3Page - Analog Devices 5B32 Datasheet HTML 4Page - Analog Devices 5B32 Datasheet HTML 5Page - Analog Devices 5B32 Datasheet HTML 6Page - Analog Devices 5B32 Datasheet HTML 7Page - Analog Devices 5B32 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5B32
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 5B32 is a single-channel signal conditioning module that
amplifies, protects, filters and isolates its analog input. The
module measures a process current input signal of 4-20 mA or
0-20 mA by reading the voltage across an external precision
20W resistor (supplied) and generating an output of 0 to +5 V.
Extra current conversion resistor are available as accessories
(See Model AC1362 in the Accessories section).
Note that the 5B32 module circuitry can withstand 240 V rms at
the input screw-terminals, thereby shielding computer-side
circuitry from field-side overvoltage conditions. In addition, all
5B32 Series modules are mix-and-match and hot swappable, so
can be inserted or removed from any socket in the same
backplane without powering down the system.
A chopper-stabilized input amplifier provides low drift and
stable gain. At the amplifier input, a stable, laser-trimmed zero-
scale input offset is subtracted from the input signal to set the
zero-scale value for the 4-20 mA range. For user convenience,
the zero can be optionally factory-set to meet custom needs,
This allows suppression of a zero-scale input value many times
larger than the total span for precise expanded-scale
measurements.
Internal multi-pole lowpass filtering with a four-Hz cutoff (-
3dB) enhances normal-mode (noise on signal) and common-
mode (noise on signal return) rejection at 50/60 Hz, enabling
accurate measurement of small signals in high electrical noise.
A series output switch eliminates the need for external
multiplexing in many applications. The switch is turned on by
an active-low enable input. If the switch is to be on at all times,
the enable-input should be grounded to power common as it is
on the 5B01 and 5B08 backplanes..
.
.
Figure 2


Similar Part No. - 5B32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B32 AD-5B32_15 Datasheet
675Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
More results

Similar Description - 5B32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B32 AD-5B32_15 Datasheet
675Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
HY ELECTRONIC CORP.
SA40012 HY-SA40012 Datasheet
458Kb / 2P
   Single Axis CMOS Signal Conditioning Module
logo
MORNSUN Science& Techno...
TS107HL-F-2.5 MORNSUN-TS107HL-F-2.5 Datasheet
902Kb / 5P
   Signal conditioning module
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
   LVDT/RVDT Signal Conditioning Module
logo
List of Unclassifed Man...
SA40011 ETC1-SA40011 Datasheet
394Kb / 2P
   Dual Axis Signal Conditioning Module
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
logo
Texas Instruments
SN65LVCP418 TI-SN65LVCP418 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel Gigabit Signal Conditioning Buffer
logo
Analog Devices
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com