Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NCP2821 Datasheet(PDF) 19 Page - ON Semiconductor

Part No. NCP2821
Description  2.65 W Filterless with Selectable Gain Class−D Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 19 page
background image
NCP2821
http://onsemi.com
19
PACKAGE DIMENSIONS
9−PIN FLIP−CHIP CSP
FC SUFFIX
CASE 499AL−01
ISSUE O
DIM
MIN
MAX
MILLIMETERS
A
0.540
0.660
A1
0.210
0.270
A2
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. COPLANARITY APPLIES TO SPHERICAL
CROWNS OF SOLDER BALLS.
E
D
−A−
−B−
0.10 C
A2
A
A1
−C−
0.05 C
0.10 C
4 X
SEATING
PLANE
D1
e
E1
e
0.05 C
0.03 C
A B
9 X
b
C
B
A
12
3
D
1.450 BSC
E
0.330
0.390
b
0.290
0.340
e
0.500 BSC
D1
1.000 BSC
E1
1.000 BSC
1.450 BSC
SIDE VIEW
TOP VIEW
BOTTOM VIEW
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NCP2821/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM49061W Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48691.9W Differential Input BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)
TPA01122-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
NCP28202.65 W Filterless Class−D Audio Power Amplifier 1 2 3 4 5 MoreON Semiconductor
TPA01222-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
APA4838Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration
TPA0212STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA03122.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0222STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl