Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NCP2821 Datasheet(PDF) 17 Page - ON Semiconductor

Part No. NCP2821
Description  2.65 W Filterless with Selectable Gain Class−D Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 17 page
background image
NCP2821
http://onsemi.com
17
PCB Layout Information
NCP2821 is suitable for low cost solution. In a very small
package it gives all the advantages of a Class−D audio
amplifier. The required application board is focused on low
cost solution too. Due to its fully differential capability, the
audio signal can only be provided by an input resistor. If a
low pass filtering function is required, then an input
coupling capacitor is needed. The values of these
components determine the voltage gain and the bandwidth
frequency. The battery positive supply voltage requires a
good decoupling capacitor versus the expected distortion.
When the board is using Ground and Power planes with
at least 4 layers, a single 4.7
mF filtering ceramic capactior
on the bottom face will give optimized performance.
A 1.0
mF low ESR ceramic capacitor can also be used with
slightly degraded performances on the THD+N from 0.06%
up to 0.2%.
In a two layers application, if both Vp pins are connected
on the top layer, a single 4.7
mF decoupling capacitor will
optimize the THD+N level.
The NCP2821 power audio amplifier can operate from
2.5 V until 5.5 V power supply. With less than 2% THD+N,
it delivers 500 mW rms output power to a 8.0
W load at
Vp =3.0 V and 1.0 W rms output power at Vp = 4.0 V.
Figure 47. Top Layer
Note: This track between Vp pins is only needed when a 2 layers board is used. In case of a typical
4 or more layers, the use of laser vias in pad will optimize the THD+N floor. The demonstration
board delivered by ON Semiconductor is a 4 Layers with Top, Ground, Power Supply and Bottom.
Note




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM49061W Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48691.9W Differential Input BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)
TPA01122-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
NCP28202.65 W Filterless Class−D Audio Power Amplifier 1 2 3 4 5 MoreON Semiconductor
TPA01222-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
APA4838Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration
TPA0212STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA03122.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0222STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl