Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NCP2821 Datasheet(PDF) 16 Page - ON Semiconductor

Part No. NCP2821
Description  2.65 W Filterless with Selectable Gain Class−D Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 16 page
background image
NCP2821
http://onsemi.com
16
Figure 45. Schematic of the Demonstration Board of the 9−pin Flip−Chip CSP Device
J7
C1
100 nF
J8
C2
100 nF
J2
U1
J1
Vp
Vp
C4
4.7
mF
OUTP
OUTM
GND
J4
J5
J5
J3
J6*
*J6, J10 Not Mounted
Vp
CL = NCP2821 ON
CL = NCP2821 OFF
SD
Data
Processor
INP
INM
Shutdown
Control
RAMP
GENERATOR
300 k
W
J9
J9
J10*
Vp
CL = 6 dB
CL = 12 dB
BYP
BYP
Rf
Ri
Rf
Ri
Gain
Control
GS
GS
Figure 46. Silkscreen Layer




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM49061W Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
LM48691.9W Differential Input BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown 1 2 3 4 5 MoreNational Semiconductor (TI)
TPA01122-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
NCP28202.65 W Filterless Class−D Audio Power Amplifier 1 2 3 4 5 MoreON Semiconductor
TPA01222-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
APA4838Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration
TPA0212STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA03122.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0222STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl