Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7393BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7393BCPZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7393BCPZ Datasheet HTML 2Page - Analog Devices ADV7393BCPZ Datasheet HTML 3Page - Analog Devices ADV7393BCPZ Datasheet HTML 4Page - Analog Devices ADV7393BCPZ Datasheet HTML 5Page - Analog Devices ADV7393BCPZ Datasheet HTML 6Page - Analog Devices ADV7393BCPZ Datasheet HTML 7Page - Analog Devices ADV7393BCPZ Datasheet HTML 8Page - Analog Devices ADV7393BCPZ Datasheet HTML 9Page - Analog Devices ADV7393BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 6 of 96
DIGITAL INPUT/OUTPUT SPECIFICATIONS
VDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, VAA = 2.6 V to 3.465 V, VDD_IO = 2.97 V to 3.63 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Input Leakage Current, IIN
VIN = VDD_IO
±10
μA
Input Capacitance, CIN
4
pF
Output High Voltage, VOH
ISOURCE = 400 μA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
VIN = 0.4 V, 2.4 V
±1
μA
Three-State Output Capacitance
4
pF
MPU PORT TIMING SPECIFICATIONS
VDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, VAA = 2.6 V to 3.465 V, VDD_IO = 2.97 V to 3.63 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 6.
Parameter
Conditions
Min
Typ
Max
Unit
MPU PORT, I2C MODE1
SCL Frequency
0
400
kHz
SCL High Pulse Width, t1
0.6
μs
SCL Low Pulse Width, t2
1.3
μs
Hold Time (Start Condition), t3
0.6
μs
Setup Time (Start Condition), t4
0.6
μs
Data Setup Time, t5
100
ns
SDA, SCL Rise Time, t6
300
ns
SDA, SCL Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
See Figure 15
0.6
μs
MPU PORT, SPI MODE1
SCLK Frequency
0
10
MHz
SPI_SS to SCLK Setup Time, t1
20
ns
SCLK High Pulse Width, t2
50
ns
SCLK Low Pulse Width, t3
50
ns
Data Access Time after SCLK Falling Edge, t4
35
ns
Data Setup Time prior to SCLK Rising Edge, t5
20
ns
Data Hold Time after SCLK Rising Edge, t6
0
ns
SPI_SS to SCLK Hold Time, t7
0
ns
SPI_SS to MISO High Impedance, t8
See Figure 16
40
ns
1 Guaranteed by characterization.


Similar Part No. - ADV7393BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
More results

Similar Description - ADV7393BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com