Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NCP2820 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCP2820
Description  2.65 W Filterless Class−D Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 5
1
Publication Order Number:
NCP2820/D
NCP2820
2.65 W Filterless Class−D
Audio Power Amplifier
The NCP2820 is a cost−effective mono Class−D audio power
amplifier capable of delivering 2.65 W of continuous average power
to 4.0
W from a 5.0 V supply in a Bridge Tied Load (BTL)
configuration. Under the same conditions, the output power stage can
provide 1.4 W to a 8.0
W BTL load with less than 1% THD+N. For
cellular handsets or PDAs it offers space and cost savings because no
output filter is required when using inductive tranducers. With more
than 90% efficiency and very low shutdown current, it increases the
lifetime of your battery and drastically lowers the junction
temperature.
The NCP2820 processes analog inputs with a pulse width
modulation technique that lowers output noise and THD when
compared to a conventional sigma−delta modulator. The device allows
independent gain while summing signals from various audio sources.
Thus, in cellular handsets, the earpiece, the loudspeaker and even the
melody ringer can be driven with a single NCP2820. Due to its low
42
mV noise floor, A−weighted, a clean listening is guaranteed no
matter the load sensitivity.
Features
Optimized PWM Output Stage: Filterless Capability
Efficiency up to 90%
Low 2.5 mA Typical Quiescent Current
Large Output Power Capability: 1.4 W with 8.0 W Load (CSP) and
THD + N < 1%
Wide Supply Voltage Range: 2.5−5.5 V Operating Voltage
High Performance, THD+N of 0.03% @ Vp = 5.0 V,
RL = 8.0 W, Pout = 100 mW
Excellent PSRR (−65 dB): No Need for Voltage Regulation
Surface Mounted Package 9−Pin Flip−Chip CSPand UDFN8
Fully Differential Design. Eliminates Two Input Coupling Capacitors
Very Fast Turn On/Off Times with Advanced Rising and Falling
Gain Technique
External Gain Configuration Capability
Internally Generated 250 kHz Switching Frequency
Short Circuit Protection Circuitry
“Pop and Click” Noise Protection Circuitry
Pb−Free Packages are Available
Applications
Cellular Phone
Portable Electronic Devices
PDAs and Smart Phones
Portable Computer
http://onsemi.com
9−PIN FLIP−CHIP CSP
FC SUFFIX
CASE 499AL
1
MARKING
DIAGRAMS
A
= Assembly Location
Y
= Year
WW = Work Week
M
= Date Code
G
= Pb−Free Package
OUTM
OUTP
Cs
GND
Ri
SD
INP
INM
VP
Input from
Microcontroller
Audio
Input
from
DAC
3.7 mm
1.6 mm
Cs
Ri
Ri
Ri
See detailed ordering and shipping information on page 20 of
this data sheet.
ORDERING INFORMATION
8 PIN UDFN 2x2.2
MU SUFFIX
CASE 506AV
ZB MG
1
A1
A3
C1
1
1
8




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM4675Ultra-Low EMI Filterless 2.65W Mono Class D Audio Power Amplifier with Spread Spectrum 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX97011.3W Filterless Stereo Class D Audio Power Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
TPA2000D22-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
LM4674Filterless 2.5W Stereo Class D Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
TPA2001D21-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
LM4673Filterless 2.65W Mono Class D Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX97021.8W Filterless Stereo Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
TPA2000D12-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
TPA2001D11-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
KIA3281HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl