Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL2805SWHB Datasheet(PDF) 3 Page - International Rectifier

Part # AFL2805SWHB
Description  270V Input, Single Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2805SWHB Datasheet(HTML) 3 Page - International Rectifier

  AFL2805SWHB Datasheet HTML 1Page - International Rectifier AFL2805SWHB Datasheet HTML 2Page - International Rectifier AFL2805SWHB Datasheet HTML 3Page - International Rectifier AFL2805SWHB Datasheet HTML 4Page - International Rectifier AFL2805SWHB Datasheet HTML 5Page - International Rectifier AFL2805SWHB Datasheet HTML 6Page - International Rectifier AFL2805SWHB Datasheet HTML 7Page - International Rectifier AFL2805SWHB Datasheet HTML 8Page - International Rectifier AFL2805SWHB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.irf.com
3
AFL270XXS Series
Static Characteristics (Continued)
For Notes to Specifications, refer to page 4
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT CURRENT
No Load
Inhibit 1
Inhibit 2
1
2, 3
1, 2, 3
1, 2, 3
VIN = 270 Volts
IOUT = 0
Pin 4 Shorted to Pin 2
Pin 12 Shorted to Pin 8
15
17
3.0
5.0
mA
mA
mA
mA
INPUT RIPPLE CURRENT
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 270 Volts, 100% Load
B.W. = 10MHz
60
60
70
70
80
80
mApp
mApp
mApp
mApp
mApp
mApp
CURRENT LIMIT POINT
Expressed as a Percentage
of Full Rated Load
1
2
3
VOUT = 90% VNOM
Note 5
115
105
125
125
115
140
%
%
%
LOAD FAULT POWER DISSIPATION
Overload or Short Circuit
1, 2, 3
V
IN = 270 Volts
30
W
EFFICIENCY
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
V
IN = 270 Volts, 100% Load
78
79
80
82
83
82
82
83
84
85
87
85
%
%
%
%
%
%
ENABLE INPUTS (Inhibit Function)
Converter Off
Sink Current
Converter On
Sink Current
1, 2, 3
1, 2, 3
Logical Low, Pin 4 or Pin 12
Note 1
Logical High, Pin 4 and Pin 12 - Note 9
Note 1
-0.5
2.0
0.8
100
50
100
V
µA
V
µA
SWITCHING FREQUENCY
1, 2, 3
500
550
600
KHz
SYNCHRONIZATION INPUT
Frequency Range
Pulse Amplitude, Hi
Pulse Amplitude, Lo
Pulse Rise Time
Pulse Duty Cycle
1, 2, 3
1, 2, 3
1, 2, 3
Note 1
Note 1
500
2.0
-0.5
20
700
10
0.8
100
80
KHz
V
V
nSec
%
ISOLATION
1
Input to Output or Any Pin to Case
(except Pin 3). Test @ 500VDC
100
M
DEVICE WEIGHT
Slight Variations with Case Style
85
gms
MTBF
MIL-HDBK-217F, AIF @ TC = 70°C
300
KHrs


Similar Part No. - AFL2805SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2805SWHB IRF-AFL2805SWHB Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2805SWHB IRF-AFL2805SWHB Datasheet
221Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2805SWHB IRF-AFL2805SWHB Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2805SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
logo
Texas Instruments
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
logo
International Rectifier
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
logo
Texas Instruments
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
International Rectifier
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
   70V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com