Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT38A5 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT38A5
Description  12 Melody Music Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT38A5 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT38A5 Datasheet HTML 3Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 4Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 5Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 6Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 7Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 8Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 9Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 10Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Carrier Tape Dimensions
SOP 20W
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
24.0+0.3
-0.1
P
Cavity Pitch
12.0
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
11.5
±0.1
D
Perforation Diameter
1.5+0.1
D1
Cavity Hole Diameter
1.5+0.25
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
10.8
±0.1
B0
Cavity Width
13.3
±0.1
K0
Cavity Depth
3.2
±0.1
t
Carrier Tape Thickness
0.3
±0.05
C
Cover Tape Width
21.3
HT38A5
Rev. 1.00
10
November 2, 2006
P
D 1
W
P 1
P 0
D
E
F
t
K 0
B 0
A 0
C


Similar Part No. - HT38A5

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT3810 HOLTEK-HT3810 Datasheet
317Kb / 9P
   128 NOTE MELODY GENERATORS
HT3810A HOLTEK-HT3810A Datasheet
317Kb / 9P
   128 NOTE MELODY GENERATORS
HT3810B HOLTEK-HT3810B Datasheet
317Kb / 9P
   128 NOTE MELODY GENERATORS
HT3810C HOLTEK-HT3810C Datasheet
317Kb / 9P
   128 NOTE MELODY GENERATORS
HT3810D HOLTEK-HT3810D Datasheet
317Kb / 9P
   128 NOTE MELODY GENERATORS
More results

Similar Description - HT38A5

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT3834 HOLTEK-HT3834 Datasheet
179Kb / 16P
   36 Melody Music Generator
logo
List of Unclassifed Man...
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
   MELODY GENERATOR
HTC750 ETC-HTC750 Datasheet
149Kb / 6P
   Melody Generator
logo
Micro Electronics
M66 MICRO-ELECTRONICS-M66 Datasheet
50Kb / 2P
   IMPLE MELODY GENERATOR
M67 MICRO-ELECTRONICS-M67 Datasheet
50Kb / 2P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
FT66T-XX ETC2-FT66T-XX Datasheet
214Kb / 2P
   SIMPLE MELODY GENERATOR
UM338 ETC2-UM338 Datasheet
359Kb / 5P
   Simple Melody Generator
logo
Integral Corp.
BT8028 INTEGRAL-BT8028 Datasheet
206Kb / 6P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
UM3161G ETC2-UM3161G Datasheet
94Kb / 1P
   Simple Melody Generator
logo
KODENSHI_AUK CORP.
KK8028-XX KODENSHI-KK8028-XX Datasheet
187Kb / 6P
   SIMPLE MELODY GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com