Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL1506E10E0YX Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSL1506E10E0YX
Description  Power Metal Strip Flip Chip (Extended Range) Patents Pending
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL1506E10E0YX Datasheet(HTML) 2 Page - Vishay Siliconix

  WSL1506E10E0YX Datasheet HTML 1Page - Vishay Siliconix WSL1506E10E0YX Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
95
WSL....E
Vishay
For Technical Questions in Europe contact: ww1resistors@vishay.com
For Technical Questions in Americas/Asia contact: ww2bresistors@vishay.com
Document Number 20033
Revision 11-Oct-02
Power Metal Strip Flip Chip (Extended Range)
Patents Pending
DIMENSIONS
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
-55
°C to +150°C, 100 cycles, 15 minutes at each extreme
±(0.20% +0.01Ω)
Short Time Overload
5 x rated power for 5 seconds
±(0.20% +0.01Ω)
Low Temperature Storage
-65
°C for 24 hours
±(0.20% +0.01Ω)
High Temperature Exposure
1000 hours @ +150
°C
±(0.50% +0.01Ω)
Moisture Resistance
MIL-STD-202, Method 106, 0% power, 7a and 7b not required
±(0.50% +0.01Ω)
Load Life
1000 hours @ rated power, +70
°C, 1.5 hours “ON”, 0.5 hours “OFF”
±(0.50% +0.01Ω)
Vibration
MIL-STD-202, Method 204D
±(0.10% +0.01Ω)
Mechanical Shock
100 G’s for 6 milliseconds, 5 pulses
±(0.10% +0.01Ω)
Resistance to Soldering Heat
+260
°C solder, 10-12 seconds dwell, 25mm/second emergence
±(0.50% +0.01Ω)
SIZE
DIMENSIONS in inches [millimeters]
INCH
L
W
Tmax
Dd
1506
0.15
± 0.005 0.062 ± 0.003
0.025
0.012
± 0.003 0.059 ± 0.003
[3.81
±0.13]
[1.57
±0.08]
[0.64]
[0.30
±0.08]
[1.50
±0.08]
2010
0.200
±0.005 0.100 ±0.003
0.025
0.020
±0.003 0.097 ±0.003
[5.08
±0.13]
[2.54
±0.08]
[0.64]
[0.51
±0.08]
[2.46
±0.08]
2512
0.250
±0.005 0.126 ±0.003
0.025
0.024
±0.003 0.123 ±0.003
[6.35
±0.13]
[3.20
±0.08]
[0.64]
[0.61
±0.08]
[3.12
±0.08]
SIZE
SOLDER PAD RECOMMENDATIONS in inches [millimeters]
INCH
a
b
l
1506
0.015 [0.38]
0.062 [1.57]
0.118 [3.00]
2010
0.023 [0.58]
0.100 [2.54]
0.153 [3.89]
2512
0.027 [0.69]
0.126 [3.20]
0.196 [4.98]
D
a
b
d
T
L
102
103
104
105
Time in Microseconds
104
103
102
10
1
WSL2010E
WSL1506E
Pulse Energy Plot:
This represents the energy in each of 50 pulses, with
a 1 second rest between pulses, that it takes to shift
the WSL....E resistance
± (0.50% + 0.01Ω).
- 55
-25
0
25
50
75
100
125
150 175
Ambient Temperature in
°C
Temperature Rise
0
0.25
0.50
0.75
1.0
Power in W
WSL1506E
WSL2010E
WSL2512E
150
125
100
75
50
25
0
Derating
120
100
80
60
40
20
0
70
Pulse Energy
W
I


Similar Part No. - WSL1506E10E0YX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL1506E10E0EBA VISHAY-WSL1506E10E0EBA Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
WSL1506E10E0EEA VISHAY-WSL1506E10E0EEA Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
WSL1506E10E0EEK VISHAY-WSL1506E10E0EEK Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
WSL1506E10E0ETA VISHAY-WSL1506E10E0ETA Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
WSL1506E10E0XBA VISHAY-WSL1506E10E0XBA Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
More results

Similar Description - WSL1506E10E0YX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLE VISHAY-WSLE Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
VFC1206 VISHAY-VFC1206 Datasheet
127Kb / 2P
   High Precision Flip Chip, Patents Pending (Industrialized Countries)
Revision 03-Jul-02
logo
Panasonic Semiconductor
ELJ-FCR47KF PANASONIC-ELJ-FCR47KF Datasheet
482Kb / 19P
   Industrial Property Patents 6 (pending)
logo
Vishay Siliconix
WSE VISHAY-WSE Datasheet
207Kb / 3P
   Power Metal Strip® Resistors (Extended Range) Surface Mount
Revision: 13-Oct-06
WSE VISHAY-WSE_15 Datasheet
97Kb / 3P
   Power Metal Strip® Resistors (Extended Range), Surface Mount
Revision: 15-Feb-11
logo
Linear Dimensions Semic...
LNDA003-PEAL LINEAR_DIMENSIONS-LNDA003-PEAL Datasheet
245Kb / 1P
   PEAL Signal Extraction System (PATENTS PENDING)
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
   Extended temperature range
logo
Tadiran Batteries GmbH
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
   Extended temperature range
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
   Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
   Extended temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com