Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71GL256NC0 Datasheet(PDF) 11 Page - SPANSION

Part # S71GL256NC0
Description  Stacked Multi-chip Product (MCP)
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL256NC0 Datasheet(HTML) 11 Page - SPANSION

Back Button S71GL256NC0 Datasheet HTML 7Page - SPANSION S71GL256NC0 Datasheet HTML 8Page - SPANSION S71GL256NC0 Datasheet HTML 9Page - SPANSION S71GL256NC0 Datasheet HTML 10Page - SPANSION S71GL256NC0 Datasheet HTML 11Page - SPANSION S71GL256NC0 Datasheet HTML 12Page - SPANSION S71GL256NC0 Datasheet HTML 13Page - SPANSION S71GL256NC0 Datasheet HTML 14Page - SPANSION S71GL256NC0 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
December 17, 2004 S71GL512_256_128NC0_00_A0
11
Ad vance
Info rmat i o n
Ordering Information
The order number (Valid Combination) is formed by the following:
S71GL
512
N
C0
BA
W
E
Z
0
PACKING TYPE
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER
Z
= Refer to the Valid Combinations Table
PACKAGE MODIFIER
A
= 1.2 mm height, 8 x 11.6 mm, 84 balls FBGA
E
= 1.2 mm height, 9 x 12.0 mm, 84 balls FBGA
TEMPERATURE RANGE
W
= Wireless (-25
°C to +85°C)
PACKAGE TYPE
BA
= Very Thin Fine-pitch BGA Lead (Pb)-free compliant package
BF
= Very Thin Fine-pitch BGA Lead (Pb)-free package
pSRAM DENSITY
C0
= 64 Mb pSRAM
PROCESS TECHNOLOGY
N
= 110 nm, MirrorBitTM Technology
FLASH DENSITY
512 = 512 Mb
256 = 256 Mb
128 = 128 Mb
PRODUCT FAMILY
S71GL Multi-chip Product (MCP)
3.0 Volt-only Uniform Sector Page Mode Flash Memory with pSRAM


Similar Part No. - S71GL256NC0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL256NB0 SPANSION-S71GL256NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
More results

Similar Description - S71GL256NC0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com