Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7101J1ABI21 Datasheet(PDF) 2 Page - ITT Industries

Part # 7101J1ABI21
Description  Rocker and Lever Handle Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

7101J1ABI21 Datasheet(HTML) 2 Page - ITT Industries

  7101J1ABI21 Datasheet HTML 1Page - ITT Industries 7101J1ABI21 Datasheet HTML 2Page - ITT Industries 7101J1ABI21 Datasheet HTML 3Page - ITT Industries 7101J1ABI21 Datasheet HTML 4Page - ITT Industries 7101J1ABI21 Datasheet HTML 5Page - ITT Industries 7101J1ABI21 Datasheet HTML 6Page - ITT Industries 7101J1ABI21 Datasheet HTML 7Page - ITT Industries 7101J1ABI21 Datasheet HTML 8Page - ITT Industries 7101J1ABI21 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SWITCHES WITH STANDARD OPTIONS
SPDT
7101J1ZQE2
DPDT
7201J1ZQE2
NOTE: For PC termination, replace ‘Z’ with ‘C’.
For panel mounting information, see page F-7.
NOTE: For PC termination, replace ‘Z’ with ‘C’.
For panel mounting information, see page F-7.
Rocker and Lever Handle Switches
C&K 7000 Series
F
F-4
www.ittcannon.com
ITT Industries
Cannon
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or
DC max. Q contact material: 5 AMPS @ 120 V AC or 28 V DC;
2 AMPS @ 250 V AC. See page F-22 for additional ratings.
ELECTRICAL LIFE: 7X01 and UX1 models: 100,000 make-and-break
cycles at full load. All other models: 40,000 cycles.
CONTACT RESISTANCE: Below 10 milliohms typ. initial @ 2-4
V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 1000 V RMS min. @ sea level.
OPERATING TEMPERATURE: –30
_C to 85_C.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6, flame retardant, heat stabilized, or
diallyl phthalate (DAP) (UL 94V-0).
ACTUATOR: Nylon, black.
FRAME (FRONT MOUNT): Nylon, black.
FRAME (REAR MOUNT): Spring steel, black.
BUSHING: Brass or zinc, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass or steel, tin plated.
END CONTACTS: B contact material: Copper alloy, with gold plate over
nickel plate. Q contact material: Coin silver, silver plated. See page
F-22 for additional contact materials.
CENTER CONTACTS & ALL TERMINALS: B contact material: Copper
alloy, with gold plate over nickel plate. Q contact material: Copper
alloy, silver plated. See page F-22 for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Mounting nuts & screws: Brass. Lockwasher: Stainless
steel. Standoff: Nylon standard, aluminum available, consult
Customer Service Center.
POS. 1
POS. 2
POS. 3
PART NUMBER
7101J1ZQE2
ON
NONE
ON
POS. 1
POS. 2
POS. 3
PART NUMBER
7201J1ZQE2
ON
NONE
ON


Similar Part No. - 7101J1ABI21

ManufacturerPart #DatasheetDescription
logo
ITT Industries
7101J1ABI21 ITT-7101J1ABI21 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
More results

Similar Description - 7101J1ABI21

ManufacturerPart #DatasheetDescription
logo
ITT Industries
7101MDABE0 ITT-7101MDABE0 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
logo
C&K Components
9000 CK-COMPONENTS-9000_V01 Datasheet
790Kb / 5P
   Power Rocker and Lever Handle Switches
2018
logo
ITT Industries
9201J1ZQE2 ITT-9201J1ZQE2 Datasheet
519Kb / 5P
   Power Rocker and Lever Handle Switches
logo
C&K Components
9000ROCKER CK-COMPONENTS-9000ROCKER Datasheet
789Kb / 5P
   Power Rocker and Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com