Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP34838RF1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP34838RF1
Description  IR Receiver Modules for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP34838RF1 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP34838RF1 Datasheet HTML 1Page - Vishay Siliconix TSOP34838RF1 Datasheet HTML 2Page - Vishay Siliconix TSOP34838RF1 Datasheet HTML 3Page - Vishay Siliconix TSOP34838RF1 Datasheet HTML 4Page - Vishay Siliconix TSOP34838RF1 Datasheet HTML 5Page - Vishay Siliconix TSOP34838RF1 Datasheet HTML 6Page - Vishay Siliconix TSOP34838RF1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VISHAY
TSOP348..RF1
Document Number 82237
Rev. 1, 16-Jun-03
Vishay Semiconductors
www.vishay.com
5
Suitable Data Format
The circuit of the TSOP348..RF1 is designed in that
way that unexpected output pulses due to noise or
disturbance signals are avoided. A bandpass filter, an
integrator stage and an automatic gain control are
used to suppress such disturbances.
The distinguishing mark between data signal and dis-
turbance signal are carrier frequency, burst length
and duty cycle.
The data signal should fulfill the following conditions:
• Carrier frequency should be close to center fre-
quency of the bandpass (e.g. 38 kHz).
• Burst length should be 10 cycles/burst or longer.
• After each burst which is between 10 cycles and 70
cycles a gap time of at least 14 cycles is necessary.
• For each burst which is longer than 1.8 ms a corre-
sponding gap time is necessary at some time in the
data stream. This gap time should be at least 4 times
longer than the burst.
• Up to 800 short bursts per second can be received
continuously.
Some examples for suitable data format are: NEC
Code (repetitive pulse), NEC Code (repetitive data),
Toshiba Micom Format, Sharp Code, RC5 Code,
RC6 Code, R-2000 Code, Sony Code.
When a disturbance signal is applied to the
TSOP348..RF1 it can still receive the data signal.
However the sensitivity is reduced to that level that no
unexpected pulses will occur.
Some examples for such disturbance signals which
are suppressed by the TSOP348..RF1 are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signal at 38 kHz or at any other fre-
quency
• Signals from fluorescent lamps with electronic bal-
last with high or low modulation
(see Figure 14 or Figure 15).
Figure 13. Sensitivity vs. Supply Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VS – Supply Voltage ( V )
17185
Figure 14. IR Signal from Fluorescent Lamp with low Modulation
Figure 15. IR Signal from Fluorescent Lamp with high Modulation
0
5
10
15
20
Time ( ms )
16920
IR Signal from fluorescent
lamp with low modulation
0
5
10
15
20
Time ( ms )
16921
IR Signal from fluorescent
lamp with high modulation


Similar Part No. - TSOP34838RF1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP34838 VISHAY-TSOP34838 Datasheet
200Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 20-Aug-08
TSOP34838 VISHAY-TSOP34838 Datasheet
151Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 20-Aug-08
TSOP34838SJ1 VISHAY-TSOP34838SJ1 Datasheet
228Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 28-Feb-05
TSOP34838UH1 VISHAY-TSOP34838UH1 Datasheet
242Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 28-Feb-05
TSOP34838VI1 VISHAY-TSOP34838VI1 Datasheet
244Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Oct-03
More results

Similar Description - TSOP34838RF1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com