Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDF54040X Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSDF54040X
Description  Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF54040X Datasheet(HTML) 3 Page - Vishay Siliconix

  TSDF54040X Datasheet HTML 1Page - Vishay Siliconix TSDF54040X Datasheet HTML 2Page - Vishay Siliconix TSDF54040X Datasheet HTML 3Page - Vishay Siliconix TSDF54040X Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TSDF54040X/TSDF54040XR
Vishay Semiconductors
3 (4)
www.vishay.com
Document Number 85087
Rev. 1, 12–Nov–01
Electrical AC Characteristics
VDS = 5 V, VG2S = 4 V, ID= IDSP , f = 1 MHz, Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward transadmittance
y21s
35
40
50
mS
Gate 1 input capacitance
Cissg1
2.4
2.8
pF
Feedback capacitance
Crss
30
40
fF
Output capacitance
Coss
1.5
pF
Power gain
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
Gps
30
dB
Power gain
GS = 3.3 mS, GL = 1 mS, f = 800 MHz
Gps
18
24
dB
AGC range
VDS = 5 V, VG2S = 1 to 4 V, f = 800 MHz
∆Gps
45
dB
Noise figure
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
F
1
dB
Noise figure
GS = 3.3 mS, GL = 1 mS, f = 800 MHz
F
1.3
dB
Cross modulation
Input level for k = 1 % @ 0 dB AGC
fw = 50 MHz, funw = 60 MHz
Xmod
90
dB
µV
Input level for k = 1 % @ 40 dB AGC
fw = 50 MHz, funw = 60 MHz
Xmod
100
105
dB
µV
Dimensions of TSDF54040X/TSDF54040XR in mm
14280


Similar Part No. - TSDF54040X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF54040 VISHAY-TSDF54040 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 16-Mar-99
More results

Similar Description - TSDF54040X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF54040 VISHAY-TSDF54040 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 16-Mar-99
TSDF53030 VISHAY-TSDF53030 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-May-99
TSDF52424 VISHAY-TSDF52424 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-Mar-99
TSDF02830YR VISHAY-TSDF02830YR Datasheet
133Kb / 6P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 25-Oct-02
TSDF03030XR VISHAY-TSDF03030XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF04040XR VISHAY-TSDF04040XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF02424X VISHAY-TSDF02424X Datasheet
47Kb / 4P
   Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF02424X VISHAY-TSDF02424X_08 Datasheet
172Kb / 5P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.3, 05-Sep-08
S504T VISHAY-S504T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com