Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T101ST9V3BE Datasheet(PDF) 6 Page - ITT Industries

Part # T101ST9V3BE
Description  Subminiature Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T101ST9V3BE Datasheet(HTML) 6 Page - ITT Industries

  T101ST9V3BE Datasheet HTML 1Page - ITT Industries T101ST9V3BE Datasheet HTML 2Page - ITT Industries T101ST9V3BE Datasheet HTML 3Page - ITT Industries T101ST9V3BE Datasheet HTML 4Page - ITT Industries T101ST9V3BE Datasheet HTML 5Page - ITT Industries T101ST9V3BE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
G–42
G
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K T Series
Subminiature Toggle Switches
TERMINATIONS
Actuator Shown In Pos. 1
PC MOUNTING
V3
VERTICAL MOUNT, V-BRACKET
CONTACT MATERIAL
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
7 TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with P, R, Q, B or G contact material are RoHS compliant. For
the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options when ordered with R, G, L or Q contact material.
B contact material standard with A, AV, V3 & W terminations.
Q contact material standard with C & Z terminations.
SEAL
E
EPOXY SEAL
T201MH9V3BE
DPDT
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
SILVER 5
GOLD 1
SILVER 4,5
GOLD OVER
SILVER 2,3
GOLD 3
TIN-LEAD 6
MATTE-TIN 7
GOLD 1
TIN-LEAD 6
MATTE-TIN 7
LOW LEVEL/
DRY CIRCUIT
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
TX01 MODELS: 3 AMPS @ 120 V AC OR 28 V DC.
ALL OTHER MODELS: 2 AMPS @ 120 V AC OR 28 V DC.
TX01 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR
3 AMPS @ 120 V AC OR 28 V DC.
ALL OTHER MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX.
OR 2 AMPS @ 120 V AC OR 28 V DC.
B
K
P
Q
G
L
R
YES
NO
YES
YES
YES
NO
YES
YES
YES
YES
YES
YES
YES
YES
RoHS
COMPLIANT
RoHS
COMPATIBLE


Similar Part No. - T101ST9V3BE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T101SH9ABE ETC1-T101SH9ABE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
T101SH9ABE2 ETC1-T101SH9ABE2 Datasheet
641Kb / 7P
   Subminiature Toggle Switches
T101SH9AQE ETC1-T101SH9AQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
T101SH9AQE2 ETC1-T101SH9AQE2 Datasheet
641Kb / 7P
   Subminiature Toggle Switches
T101SH9AVBE ETC1-T101SH9AVBE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
More results

Similar Description - T101ST9V3BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com