Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F867ASPFV Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F867ASPFV
Description  16-bit general-purpose microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F867ASPFV Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F867ASPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
MB90860A Series
4
s PRODUCT LINEUP
(Continued)
Part Number
Parameter
MB90F867A (S) , MB90867A (S)
MB90V340(S)
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (4 MHz osc. PLL
× 6)
ROM
Boot-block,Flash memory
128 Kbytes
External
RAM
6 Kbytes
30 Kbytes
Emulator-specific
power supply*1
Yes
Technology
0.35
µm CMOS with on-chip voltage regulator for internal
power supply
+ Flash memory with
On-chip charge pump for programming voltage
0.35
µm CMOS with
on-chip voltage regulator
for internal power supply
Operating
voltage range
3.5 V to 5.5 V : at normal operating (not using A/D converter)
4.0 V to 5.5 V : at using A/D converter/Flash programming
4.5 V to 5.5 V : at using external bus
5 V
± 10%
Temperature range
−40 °C to +105 °C
Package
QFP-100, LQFP-100
PGA-299
UART
4 channels
5 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 Kbit/s)
2 channel
A/D
Converter
24 input channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs include sample time (per one channel)
16-bit Reload Timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function
16-bit
I/O Timer
(2 channels)
Signals an interrupt when overflowing
Supports Timer Clear when a match with Output Compare (Channel 0, 4)
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock freq.)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1/2/3, OCU 0/1/2/3
I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7
16-bit Output
Compare
(8 channels (16-bit) /
16 channels (8-bit) )
Signals an interrupt when 16-bit I/O Timer match output compare registers.
A pair of compare registers can be used to generate an output signal.
16-bit Input Capture
(8 channels)
Rising edge, falling edge or rising & falling edge sensitive
Signals an interrupt upon external event


Similar Part No. - MB90F867ASPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867ASPFV FUJITSU-MB90F867ASPFV Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F867ASPFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91CP27U TOSHIBA-TMP91CP27U Datasheet
281Kb / 2P
   16-Bit Low Cost General Purpose Microcontroller in 64-pin Package
logo
Microchip Technology
PIC24FV16KM204 MICROCHIP-PIC24FV16KM204 Datasheet
3Mb / 336P
   General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
11/29/12 2013
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com