Electronic Components Datasheet Search |
|
MB90F867APFV Datasheet(PDF) 8 Page - Fujitsu Component Limited. |
|
MB90F867APFV Datasheet(HTML) 8 Page - Fujitsu Component Limited. |
8 / 62 page MB90860A Series 8 s PIN DESCRIPTION (Continued) Pin No. Pin name Circuit type Function LQFP100*2 QFP100*1 90 92 X1 A Oscillation output 91 93 X0 Oscillation input 52 54 RST E Reset input 75 to 82 77 to 84 P00 to P07 G General purpose I/O. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD00 to AD07 I/O pins for 8 lower bits of the external address/data bus. This function is enabled when the external bus is enabled. INT8 to INT15 External interrupt request input pins for INT8 to INT15. 83 85 P10 G General purpose I/O. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD08 I/O pin for bit 8 of the external address/data bus. This function is enabled when the external bus is enabled. TIN1 Event input pin for the reload timer 1 84 86 P11 G General purpose I/O. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD09 I/O pin for bit 9 of the external address/data bus. This function is enabled when the external bus is enabled. TOT1 Output pin for the reload timer 1 85 87 P12 N General purpose I/O. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD10 I/O pin for bit 10 of the external address/data bus. This function is enabled when the external bus is enabled. SIN3 Serial data input pin for UART3 INT11R Sub external interrupt request input pin for INT11 86 88 P13 G General purpose I/O. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD11 I/O pin for bit 11 of the external address/data bus. This function is enabled when the external bus is enabled. SOT3 Serial data output pin for UART3 87 89 P14 G General purpose I/O. The register can be set to select whether to use a pull-up resistor. This function is enabled in single-chip mode. AD12 I/O pin for bit 12 of the external address/data bus. This function is enabled when the external bus is enabled. SCK3 Clock I/O pin for UART3 |
Similar Part No. - MB90F867APFV |
|
Similar Description - MB90F867APFV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |