Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY785AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY785AD
Description  CATV amplifier module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY785AD Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY785AD Datasheet HTML 1Page - NXP Semiconductors BGY785AD Datasheet HTML 2Page - NXP Semiconductors BGY785AD Datasheet HTML 3Page - NXP Semiconductors BGY785AD Datasheet HTML 4Page - NXP Semiconductors BGY785AD Datasheet HTML 5Page - NXP Semiconductors BGY785AD Datasheet HTML 6Page - NXP Semiconductors BGY785AD Datasheet HTML 7Page - NXP Semiconductors BGY785AD Datasheet HTML 8Page - NXP Semiconductors BGY785AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Apr 14
2
Philips Semiconductors
Product specification
CATV amplifier module
BGY785AD
FEATURES
• Excellent linearity
• Extremely low noise
• Silicon nitride passivation
• Rugged construction
• Gold metallization ensures excellent reliability.
APPLICATIONS
CATV systems operating in the 40 to 750 MHz frequency
range.
DESCRIPTION
Hybrid high dynamic range cascode amplifier module with
darlington pre-stage dies in a SOT115J package operating
at a voltage supply of 24 V (DC).
PINNING - SOT115J
PIN
DESCRIPTION
1
input
2
common
3
common
5+VB
7
common
8
common
9
output
Fig.1 Simplified outline.
handbook, halfpage
7
8
9
2
35
1
Side view
MSA319
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 50 MHz
18
19
dB
f = 750 MHz
18.5
dB
Itot
total current consumption (DC)
VB =24V
265
mA
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage
60
dBmV
Tstg
storage temperature
−40
+100
°C
Tmb
operating mounting base temperature
−20
+100
°C


Similar Part No. - BGY785AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY785A PHILIPS-BGY785A Datasheet
54Kb / 12P
   CATV amplifier module
1999 Mar 30
BGY785A NXP-BGY785A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BGY785A JMNIC-BGY785A_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain push-pull amplifier
BGY785A_2015 JMNIC-BGY785A_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain push-pull amplifier
More results

Similar Description - BGY785AD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com