Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY785AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGY785AD
Description  CATV amplifier module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY785AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGY785AD Datasheet HTML 4Page - NXP Semiconductors BGY785AD Datasheet HTML 5Page - NXP Semiconductors BGY785AD Datasheet HTML 6Page - NXP Semiconductors BGY785AD Datasheet HTML 7Page - NXP Semiconductors BGY785AD Datasheet HTML 8Page - NXP Semiconductors BGY785AD Datasheet HTML 9Page - NXP Semiconductors BGY785AD Datasheet HTML 10Page - NXP Semiconductors BGY785AD Datasheet HTML 11Page - NXP Semiconductors BGY785AD Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Apr 14
8
Philips Semiconductors
Product specification
CATV amplifier module
BGY785AD
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - BGY785AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY785A PHILIPS-BGY785A Datasheet
54Kb / 12P
   CATV amplifier module
1999 Mar 30
BGY785A NXP-BGY785A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BGY785A JMNIC-BGY785A_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain push-pull amplifier
BGY785A_2015 JMNIC-BGY785A_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain push-pull amplifier
More results

Similar Description - BGY785AD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com