Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRCN830XXXJXXXKE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MRCN830XXXJXXXKE3
Description  Resistor/Capacitor Networks, Molded SIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MRCN830XXXJXXXKE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MRCN830XXXJXXXKE3 Datasheet HTML 1Page - Vishay Siliconix MRCN830XXXJXXXKE3 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MRCN
Vishay Techno
Document Number: 68008
www.vishay.com
Revision: 01-Aug-05
1
Resistor/Capacitor Networks, Molded SIP
FEATURES
• Custom schematics available.
• NPO or X7R capacitors for line terminator.
• Wide operating temperature range.
• Molded epoxy case.
• Solder coated copper terminals.
• Solderability per MIL-STD-202 method 208E.
• Marking resistance to solvents per MIL-STD-202 method 215.
ELECTRICAL SPECIFICATIONS - RESISTORS
Resistance Range: 50 ohms to 1 kilohm. Others available.
Resistance Tolerance: ± 2 %, ± 5 % standard.
± 1 % available.
Temperature Coefficient of Resistance: ± 150 ppm/°C.
Operating Temperature Range: - 55 °C to + 125 °C.
Operating Voltage: 50 VDC maximum. Higher voltage
available.
ELECTRICAL SPECIFICATIONS - CAPACITORS
Type: NPO or X7R.
NPO Capacitance Range Standard: 33 pF - 3900 pF, other
values available.
X7R Capacitance Range: 470 pF - 0.1 µF, other values
available.
Tolerance: NPO Type = ± 10 %, ± 20 %.
X7R Type = ± 10 %, ± 20 %. Tighter tolerance available.
Consult factory at +1-909-923-3313.
Voltage Rating: 50 VDC. Higher voltage available.
NOTE: Custom schematics available.
SCHEMATICS
8
C
RR
R
R
R
R
1
2
3
4
567
SCHEMATIC 10
10K ECL terminator network
R
RR
CC
C
12
3
4
n-1
n
SCHEMATIC 20
RR
R
R
R
R
CC
1
2
3
4
56
78
9
10
100K ECL terminator network
SCHEMATIC 30
DIMENSIONS in inches [millimeters]
NUMBER
OF PINS
A
± 0.010 [0.254]
B
± 0.010 [0.254]
C
± 0.010 [0.254]
8
0.780 [19.81]
0.345 [8.26]
0.040 [1.02]
10
1.040 [26.42]
0.346 [8.79]
0.075 [1.91]
A
B
C
#1 Pin
0.150 ± 0.010
[3.81 ± 0.254]
0.010 ± 0.002
[0.254 ± 0.051]
0.020± 0.002
[0.508± 0.051]
0.100± 0.005
± 0.127]
Non-Cumulative
0.125± 0.015
[3.18 ± 0.381]
0.020 ± 0.002
[0.508 ± 0.051]
(Seating
Plane)
Pin #1 Identifier
[2.54
ORDERING INFORMATION
MRCN
XX
XX
XXX
X
XXX
X
e3
MODEL NUMBER
OF PINS
SCHEMATIC
RESISTANCE
VALUE (Ohms)
RESISTANCE
TOLERANCE
CAPACITANCE
VALUE (pF)
CAPACITANCE
TOLERANCE*
LEAD
TERMINATION
First two digits are
significant, third digit signifies
number of zeros to follow.
F =
± 1 %
G =
± 2 %
J =
± 5 %
First two digits are significant,
third digit signifies number of
zeros to follow.
K =
± 10 %
M =
± 20 %
e3 = SnAg
95/5
*Tighter tolerance available.


Similar Part No. - MRCN830XXXJXXXKE3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MRC TTELEC-MRC Datasheet
227Kb / 2P
   Superior surge handling capability
logo
Kemet Corporation
MRC-01 KEMET-MRC-01 Datasheet
243Kb / 6P
   ZCT, Zero-Phase Current Transformers
MRC-01B KEMET-MRC-01B Datasheet
72Kb / 1P
   KEMET, MR, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
7/05/2020
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
   Four Position External Battery Power Supply
Rev:B
MRC-135A ULTRALIFE-MRC-135A Datasheet
160Kb / 1P
   Performs well in hot, cloudy and other diverse environments
24 MAR 11 Rev: -
More results

Similar Description - MRCN830XXXJXXXKE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCN VISHAY-MCN Datasheet
89Kb / 2P
   Capacitor Networks, Molded SIP
Revision: 17-Mar-08
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
logo
Electronic Film Capacit...
RC1313 EFC-RC1313 Datasheet
23Kb / 2P
   RESISTOR-CAPACITOR NETWORKS
logo
Willow Technologies Ltd
RRY2B WILLOW-RRY2B Datasheet
82Kb / 1P
   SIP RESISTOR NETWORKS VOLTAGE DIVIDERS
logo
MERITEK ELECTRONICS COR...
CRA-CRF MERITEK-CRA-CRF Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
logo
RCD COMPONENTS INC.
RC0801-100J100J RCD-RC0801-100J100J Datasheet
82Kb / 1P
   CAPACITOR AND RESISTOR/CAPACITOR NETWORKS
logo
KOA Speer Electronics, ...
CR2A10YTE KOA-CR2A10YTE Datasheet
90Kb / 8P
   Capacitor/Resistor Chip Networks
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
   precision metal film resistor SIP networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com