Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F867ASPF Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F867ASPF
Description  16-bit general-purpose microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F867ASPF Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F867ASPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F867ASPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F867ASPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F867ASPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F867ASPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F867ASPF Datasheet HTML 9Page - Fujitsu Component Limited. MB90F867ASPF Datasheet HTML 10Page - Fujitsu Component Limited. MB90F867ASPF Datasheet HTML 11Page - Fujitsu Component Limited. MB90F867ASPF Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
MB90860A Series
8
s PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP100*2 QFP100*1
90
92
X1
A
Oscillation output
91
93
X0
Oscillation input
52
54
RST
E
Reset input
75 to 82
77 to 84
P00 to P07
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD00 to AD07
I/O pins for 8 lower bits of the external address/data bus.
This function is enabled when the external bus is enabled.
INT8 to INT15
External interrupt request input pins for INT8 to INT15.
83
85
P10
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD08
I/O pin for bit 8 of the external address/data bus.
This function is enabled when the external bus is enabled.
TIN1
Event input pin for the reload timer 1
84
86
P11
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD09
I/O pin for bit 9 of the external address/data bus.
This function is enabled when the external bus is enabled.
TOT1
Output pin for the reload timer 1
85
87
P12
N
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD10
I/O pin for bit 10 of the external address/data bus.
This function is enabled when the external bus is enabled.
SIN3
Serial data input pin for UART3
INT11R
Sub external interrupt request input pin for INT11
86
88
P13
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD11
I/O pin for bit 11 of the external address/data bus.
This function is enabled when the external bus is enabled.
SOT3
Serial data output pin for UART3
87
89
P14
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD12
I/O pin for bit 12 of the external address/data bus.
This function is enabled when the external bus is enabled.
SCK3
Clock I/O pin for UART3


Similar Part No. - MB90F867ASPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867ASPF FUJITSU-MB90F867ASPF Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90F867ASPFV FUJITSU-MB90F867ASPFV Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F867ASPF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91CP27U TOSHIBA-TMP91CP27U Datasheet
281Kb / 2P
   16-Bit Low Cost General Purpose Microcontroller in 64-pin Package
logo
Microchip Technology
PIC24FV16KM204 MICROCHIP-PIC24FV16KM204 Datasheet
3Mb / 336P
   General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
11/29/12 2013
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com