Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F867APF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F867APF
Description  16-bit general-purpose microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F867APF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F867APF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
MB90860A Series
2
s FEATURES
•••• Clock
• Built-in PLL clock frequency multiplication circuit
• Selection of machine clocks (PLL clocks) is allowed among frequency division by two on oscillation clock, and
multiplication of 1 to 6 times of oscillation clock (for 4 MHz oscillation clock, 4 MHz to 24 MHz).
• Operation by sub-clock (up to 50 kHz : 100 kHz oscillation clock divided by two) is allowed. (devices without
S-suffix only)
• Minimum execution time of instruction : 42 ns (when operating with 4-MHz oscillation clock, and 6-time multi-
plied PLL clock).
•••• 16 Mbyte CPU memory space
• 24-bit internal addressing
•••• Instruction system best suited to controller
• Wide choice of data types (bit, byte, word, and long word)
• Wide choice of addressing modes (23 types)
• Enhanced multiply-divide instructions and RETI instructions
• Enhanced high-precision computing with 32-bit accumulator
•••• Instruction system compatible with high-level language (C language) and multitask
• Employing system stack pointer
• Enhanced various pointer indirect instructions
• Barrel shift instructions
•••• Increased processing speed
• 4-byte instruction queue
•••• Powerful interrupt function
• Powerful 8-level, 34-condition interrupt feature
• Up to 16 external interrupts are supported
•••• Automatic data transfer function independent of CPU
• Extended intelligent I/O service function (EI2OS) : up to 16 channels
• DMA : up to 16 channels
•••• Low power consumption (standby) mode
• Sleep mode (a mode that halts CPU operating clock)
• Time-base timer mode (a mode that operates oscillation clock, sub clock, time-base timer and clock timer only)
• Watch mode (a mode that operates sub clock and clock timer only)
• Stop mode (a mode that stops oscillation clock and sub clock)
• CPU blocking operation mode
•••• Process
•CMOS technology
•••• I/O port
• General-purpose input/output port (CMOS output)
- 80 ports (devices without S-suffix)
- 82 ports (devices with S-suffix)
(Continued)


Similar Part No. - MB90F867APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867APF FUJITSU-MB90F867APF Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90F867APFV FUJITSU-MB90F867APFV Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F867APF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91CP27U TOSHIBA-TMP91CP27U Datasheet
281Kb / 2P
   16-Bit Low Cost General Purpose Microcontroller in 64-pin Package
logo
Microchip Technology
PIC24FV16KM204 MICROCHIP-PIC24FV16KM204 Datasheet
3Mb / 336P
   General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
11/29/12 2013
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com