Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F867APF Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F867APF
Description  16-bit general-purpose microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F867APF Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F867APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 9Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 10Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 11Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 12Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 13Page - Fujitsu Component Limited. MB90F867APF Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
MB90860A Series
10
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP100*2 QFP100*1
46
P31
G
General purpose I/O.The register can be set to select whether to
use a pull-up resistor.This function is enabled in single-chip
mode.
RD
Read strobe output pin for the data bus. This function is enabled
when the external bus is enabled.
IN5
Data sample input pin for input capture ICU5
57
P32
G
General purpose I/O. The register can be set to select whether to
use a pull-up resistor. This function is enabled either in single-chip
mode or with the WR/WRL pin output disabled.
WRL / WR
Write strobe output pin for the data bus. This function is enabled
when both the external bus and the WR/WRL pin output are en-
abled. WRL is used to write-strobe 8 lower bits of the data bus in
16-bit access while WR is used to write-strobe 8 bits of the data
bus in 8-bit access.
RX2
RX input pin for CAN2 Interface (MB90V340 only)
INT10R
Sub external interrupt request input pin for INT10
68
P33
G
General purpose I/O. The register can be set to select whether to
use a pull-up resistor.This function is enabled either in single-chip
mode or with the WRH pin output disabled.
WRH
Write strobe output pin for the 8 higher bits of the data bus. This
function is enabled when the external bus is enabled, when the
external bus 16-bit mode is selected, and when the WRH output
pin is enabled.
TX2
TX Output pin for CAN2 (MB90V340 only)
79
P34
G
General purpose I/O. The register can be set to select whether to
use a pull-up resistor. This function is enabled either in single-chip
mode or with the hold function disabled.
HRQ
Hold request input pin. This function is enabled when both the ex-
ternal bus and the hold function are enabled.
OUT4
Waveform output pin for output compare OCU4
810
P35
G
General purpose I/O. The register can be set to select whether to
use a pull-up resistor. This function is enabled either in single-chip
mode or with the hold function disabled.
HAK
Hold acknowledge output pin. This function is enabled when both
the external bus and the hold function are enabled.
OUT5
Waveform output pin for output compare OCU5
911
P36
G
General purpose I/O. The register can be set to select whether to
use a pull-up resistor. This function is enabled either in single-chip
mode or with the external ready function disabled.
RDY
Ready input pin. This function is enabled when both the
external bus and the external ready function are enabled.
OUT6
Waveform output pin for output compare OCU6


Similar Part No. - MB90F867APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867APF FUJITSU-MB90F867APF Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90F867APFV FUJITSU-MB90F867APFV Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F867APF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91CP27U TOSHIBA-TMP91CP27U Datasheet
281Kb / 2P
   16-Bit Low Cost General Purpose Microcontroller in 64-pin Package
logo
Microchip Technology
PIC24FV16KM204 MICROCHIP-PIC24FV16KM204 Datasheet
3Mb / 336P
   General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
11/29/12 2013
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com